Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC55171CM Datasheet(PDF) 4 Page - Intersil Corporation

Part # HC55171CM
Description  5 REN Ringing SLIC for ISDN Modem/TA and WLL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55171CM Datasheet(HTML) 4 Page - Intersil Corporation

  HC55171CM Datasheet HTML 1Page - Intersil Corporation HC55171CM Datasheet HTML 2Page - Intersil Corporation HC55171CM Datasheet HTML 3Page - Intersil Corporation HC55171CM Datasheet HTML 4Page - Intersil Corporation HC55171CM Datasheet HTML 5Page - Intersil Corporation HC55171CM Datasheet HTML 6Page - Intersil Corporation HC55171CM Datasheet HTML 7Page - Intersil Corporation HC55171CM Datasheet HTML 8Page - Intersil Corporation HC55171CM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
65
UNCOMMITTED RELAY DRIVER
On Voltage, VOL
IOL (RDO) = 30mA
-
0.2
0.5
V
Off Leakage Current
-
±10
±100
µA
TTL/CMOS LOGIC INPUTS (F0, F1, RS, TST, RDI)
Logic Low Input Voltage
0
-
0.8
V
Logic High Input Voltage
2.0
-
5.5
V
Input Current
IIH, 0V ≤ VIN ≤ 5V
-
-
-1
µA
Input Current
IIL, 0V ≤ VIN ≤ 5V
-
-
-100
µA
LOGIC OUTPUTS (SHD, RTD, ALM)
Logic Low Output Voltage
ILOAD = 800µA
-
0.1
0.5
V
Logic High Output Voltage
ILOAD = 40µA
2.7
-
5.5
V
POWER DISSIPATION
---
Power Dissipation On Hook
VCC = +5V, VBAT = -80V, RLOOP =
-
300
-
mW
VCC = +5V, VBAT = -48V, RLOOP =
-
150
-
mW
Power Dissipation Off Hook
VCC = +5V, VBAT = -24V, RLOOP = 600Ω,
IL = 25mA
-
280
-
mW
ICC
VCC = +5V, VBAT = -80V, RLOOP =
-3
6
mA
VCC = +5V, VBAT = -48V, RLOOP =
-2
5
mA
VCC = +5V, VBAT = -24V, RLOOP =
-
1.9
5
mA
IBAT
VCC = +5V, VB- = -80V, RLOOP =
-
3.6
7
mA
VCC = +5V, VB- = -48V, RLOOP =
-
2.6
6
mA
VCC = +5V, VB- = -24V, RLOOP =
-
2.3
4.5
mA
NOTES:
2. These parameters are controlled by design or process parameters and are not directly tested. These parameters are characterized upon
initial design release, upon design changes which would affect these characteristics, and at intervals to assure product quality and
specification compliance.
3. This parameter directly affects device junction temperature. Refer to Power Dissipation discussion of data sheet for design information.
Electrical Specifications
Unless Otherwise Specified, Typical Parameters are at TA = 25
oC, Min-Max Parameters are over
Operating Temperature Range, VBAT = -24V, VCC = +5V, AGND = BGND = 0V. All AC Parameters are specified
at 600
Ω 2-Wire terminating impedance. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC55171


Similar Part No. - HC55171CM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55171B INTERSIL-HC55171B Datasheet
87Kb / 11P
   Low Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
HC55171BIB INTERSIL-HC55171BIB Datasheet
87Kb / 11P
   Low Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
HC55171BIM INTERSIL-HC55171BIM Datasheet
87Kb / 11P
   Low Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
HC55171IM INTERSIL-HC55171IM Datasheet
874Kb / 20P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
HC55171 INTERSIL-HC55171_03 Datasheet
874Kb / 20P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
More results

Similar Description - HC55171CM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55171 INTERSIL-HC55171_03 Datasheet
874Kb / 20P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
HC5517 INTERSIL-HC5517 Datasheet
175Kb / 18P
   3 REN Ringing SLIC For ISDN Modem/TA and WLL
July 1998
HC5517 INTERSIL-HC5517_00 Datasheet
416Kb / 19P
   3 REN Ringing SLIC For ISDN Modem/TA and WLL
HC55171B INTERSIL-HC55171B Datasheet
87Kb / 11P
   Low Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
HC5517B INTERSIL-HC5517B Datasheet
88Kb / 11P
   Low Cost 3 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
logo
STMicroelectronics
STLC3055N STMICROELECTRONICS-STLC3055N_09 Datasheet
325Kb / 34P
   WLL and ISDN-TA subscriber line interface circuit
STLC3055N STMICROELECTRONICS-STLC3055N Datasheet
315Kb / 25P
   WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
STLC3055 STMICROELECTRONICS-STLC3055 Datasheet
153Kb / 22P
   WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com