Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA2200-21 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA2200-21
Description  8 Pin Triple Fast Logic TTL Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2200-21 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA2200-21 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S
I N C .
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
VOH High-Level Output Voltage
VCC= min. VIL= max. IOH = max 2.7
V
VOL
Low-Level Output Voltage
VCC= min. VIH = min. I OL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = IIK
-1.2V
V
IIH
High-Level Input Current
VCC= max. VIN = 2.7V
50
µA
VCC= max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current VCC= max. VOUT = 0.
-40
-100
mA
(One output at a time)
ICCH High-Level Supply Current
VCC= max. VIN = OPEN
15
mA
ICCL Low-Level Supply Current
VCC= max. VIN = 0
75
mA
TRO
Output Rise Time
4
nS
NH
Fanout High-Level Output
VCC= max. VOH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC= max. VOL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min
Max Unit
8 Pin Triple Fast Logic TTL Compatible
Active Delay Lines
EPA2200 Rev. A 2/5/96
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate
1.0
MHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
Recommended
Operating Conditions
Min
Max
Unit
*These two values are inter-dependent.
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
0
+70
°C
Schematic
Package
Whichever is greater.
Delay Times referenced from input to leading edges at 25°C, 5.0V, with no load.
Delay Time
±5% or ±2nS†
Part
Number
45
50
55
60
65
70
75
80
85
90
95
100
EPA2200-45
EPA2200-50
EPA2200-55
EPA2200-60
EPA2200-65
EPA2200-70
EPA2200-75
EPA2200-80
EPA2200-85
EPA2200-90
EPA2200-95
EPA2200-100
Delay Time
±5% or ±2nS†
Part
Number
5
6
7
8
9
10
11
12
13
14
15
EPA2200-5
EPA2200-6
EPA2200-7
EPA2200-8
EPA2200-9
EPA2200-10
EPA2200-11
EPA2200-12
EPA2200-13
EPA2200-14
EPA2200-15
23
24
25
30
35
40
16
17
18
19
20
21
22
EPA2200-23
EPA220024
EPA2200-25
EPA2200-30
EPA2200-35
EPA2200-40
EPA2200-16
EPA2200-17
EPA2200-18
EPA2200-19
EPA2200-20
EPA2200-21
EPA2200-22
Delay Time
±5% or ±2nS†
Part
Number
Notes :
7
8
VCC
6
2
5
3
4 GROUND
1
.250
Max.
.365
Max.
.100
Typ.
.500
.280
PCA
EPA2200-5
Date Code
.
.020
Typ.
.010
Typ.
Max.
.120 Min.
.020
Typ.
Max.
WHITE DOT
PIN#1


Similar Part No. - EPA2200-21

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2200-21 PCA-EPA2200-21 Datasheet
20Kb / 1P
   8 Pin Triple Fast Logic TTL Compatible Active Delay Lines
More results

Similar Description - EPA2200-21

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2200-5 PCA-EPA2200-5 Datasheet
20Kb / 1P
   8 Pin Triple Fast Logic TTL Compatible Active Delay Lines
EPA249-5 PCA-EPA249-5 Datasheet
30Kb / 1P
   8 Pin Triple TTL Compatible Active Delay Lines
EPA249 PCA-EPA249_15 Datasheet
30Kb / 1P
   8 Pin Triple TTL Compatible Active Delay Lines
EP9934 PCA-EP9934_15 Datasheet
47Kb / 3P
   8 Pin SIL Triple TTL Compatible Active Delay Lines
EPA3507-XX PCA-EPA3507-XX_15 Datasheet
47Kb / 1P
   Fast Logic TTL Compatible Active Delay Lines
EP9934-5 PCA-EP9934-5 Datasheet
47Kb / 3P
   8 Pin SIL Triple TTL Compatible Active Delay Lines
EPA509-5 PCA-EPA509-5 Datasheet
20Kb / 1P
   8 Pin DIP Dual Fast Logic TTL Compatible Active Delay Lines
EPA770 PCA-EPA770_15 Datasheet
21Kb / 1P
   8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA770-4 PCA-EPA770-4 Datasheet
21Kb / 1P
   8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
logo
List of Unclassifed Man...
EP9934 ETC1-EP9934 Datasheet
41Kb / 3P
   SMD 14-Pin Triple TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com