Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC5520 Datasheet(PDF) 1 Page - Harris Corporation

Part # HC5520
Description  CO/PABX Polarity Reversal Subscriber Line Interface Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HC5520 Datasheet(HTML) 1 Page - Harris Corporation

  HC5520 Datasheet HTML 1Page - Harris Corporation HC5520 Datasheet HTML 2Page - Harris Corporation HC5520 Datasheet HTML 3Page - Harris Corporation HC5520 Datasheet HTML 4Page - Harris Corporation HC5520 Datasheet HTML 5Page - Harris Corporation HC5520 Datasheet HTML 6Page - Harris Corporation HC5520 Datasheet HTML 7Page - Harris Corporation HC5520 Datasheet HTML 8Page - Harris Corporation HC5520 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SEMICONDUCT OR
1
April 1997
HC5520
CO/PABX Polarity Reversal
Subscriber Line Interface Circuit
Features
• Normal and Reversed DC Feed
• Current Limited Loop Feed
• Ringing, Test-In, and Test-Out Relay Drivers
• Thermal Shutdown Protection with Alert Signal
• On-Hook Transmission
• Selectable Transmit and Receive Gain Setting
• Selectable 2-Wire Impedance Matching
• Zero Crossing Ring Trip Detection and Ring Relay
Release
• Parallel Digital Control and Status Monitoring
• Protection Resistors Inside Feedback Loop Allows the
Use of PTC Devices Without Impact on Longitudinal
Balance
• Thermal Management Features
Applications
• CO/PABX Line Circuits
Description
The HC5520 is a Monolithic Subscriber Line Interface Circuit
(SLIC) for Analog Subscriber Line cards in Central Office
and PABX switches.
The HC5520 provides a comprehensive set of features for
these applications including loop reversal, zero crossing
ringing relay operation, long loop drive and a mutually inde-
pendent setting of the receive and transmit gains, and the
two wire impedance synthesis. Advanced power manage-
ment features combined with a small 44 lead MQFP pack-
age allow significant board space to be freed up for
additional line circuits.
The HC5520 is fabricated in a Harris state-of-the-art Bonded
Wafer High Voltage process, providing freedom from tradi-
tional JI latch-up phenomena without the use of additional
power supply filtering components or substrate tie connec-
tions. The very low parasitics and leakages associated with
this process provide an exceptionally flat performance over
frequency and temperature.
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HC5520CQ
0 to 70
44 Ld MQFP
Q44.10x10
HC5520CM
0 to 70
44 Ld PLCC
N44.65
TIP
TIPSEN
TEST
CONTROL
2-WIRE
INTERFACE
RING
CONTROL
AGND
BIAS
RINGSEN
RING
RX
RN
TX
TX4W
TA
TB
RBL
RBH
RD
CRTD
POWER
MANAGEMENT
RPSB
RPST
RPSG
RGND
BGND
VCC
CDC
VEE
CP
VBAT
RDC
RPSR
BATTERY
REFERENCE
4-WIRE INTERFACE / Z0
KZO
LOGIC
TAI
PDI
RCI
PRI
TBI
TSDO
SHDO
HC5520
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
File Number
4148.2


Similar Part No. - HC5520

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
HC5521CM INTERSIL-HC5521CM Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
HC5521CQ INTERSIL-HC5521CQ Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
HC5523 INTERSIL-HC5523 Datasheet
176Kb / 18P
   LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
October 1998
HC5523 INTERSIL-HC5523 Datasheet
570Kb / 22P
   LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
More results

Similar Description - HC5520

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com