Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC5520 Datasheet(PDF) 5 Page - Harris Corporation

Part # HC5520
Description  CO/PABX Polarity Reversal Subscriber Line Interface Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HC5520 Datasheet(HTML) 5 Page - Harris Corporation

  HC5520 Datasheet HTML 1Page - Harris Corporation HC5520 Datasheet HTML 2Page - Harris Corporation HC5520 Datasheet HTML 3Page - Harris Corporation HC5520 Datasheet HTML 4Page - Harris Corporation HC5520 Datasheet HTML 5Page - Harris Corporation HC5520 Datasheet HTML 6Page - Harris Corporation HC5520 Datasheet HTML 7Page - Harris Corporation HC5520 Datasheet HTML 8Page - Harris Corporation HC5520 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
TRANSMISSION PARAMETERS - 4-WIRE TO 4-WIRE ABSOLUTE DELAY
Absolute Delay
normal
reverse
600
-48V
1020Hz
0dBm
1.5
µs
TRANSMISSION PARAMETERS - OVER LOAD LEVEL (Figures 14, 15)
Receive Over Load Level at 4W
and 2W
normal
reverse
600
-42V
1% THD
1020Hz
2.5
-
-
VPEAK
Transmit Over Load Level at 2W
and 4W
normal
reverse
600
-42V
1% THD
1020Hz
2.15
-
-
VPEAK
TRANSMISSION PARAMETERS - LONGITUDINAL IMPEDANCE (Figure 16)
Longitudinal Impedance per Wire
normal
reverse
-
-48V
40Hz to
100Hz
-50-
TRANSMISSION PARAMETERS - LONGITUDINAL CURRENT CAPABILITY (Figure 17)
Longitudinal Current Limit per Wire
normal
reverse
-
-42V
Triangle
Waveform
40Hz to
100Hz
15
-
-
mAPEAK
TRANSMISSION PARAMETERS - LONGITUDINAL BALANCE (Figure 18)
2-Wire Longitudinal Balance
normal
reverse
368
Ω +
368
-48V
300Hz
1020Hz
3400Hz
42
48
48
62.2
58.7
69.5
-dB
dB
dB
4-Wire Longitudinal Balance
normal
reverse
368
Ω +
368
-48V
300Hz
1020Hz
3400Hz
42
48
48
66.0
67.2
77.0
-dB
dB
dB
POWER SUPPLY REJECTION RATIO (Figure 19)
PSRR VBAT To 4-Wire
normal
reverse
600
-48V
VBAT = -48V +
100mVRMS
300Hz
30
42
-
dBC
PSRR VBAT To 2-Wire
normal
reverse
600
-48V
VBAT = -48V +
100mVRMS
300Hz
30
42
-
dBC
PSRR VCC To 4-Wire
normal
reverse
600
-48V
VCC = 4.75V +
100mVRMS
300Hz
20
33
-
dBC
PSRR VCC To 2-Wire
normal
reverse
600
-48V
VCC = 4.75V +
100mVRMS
3420Hz
20
24
-
dBC
PSRR VEE To 4-Wire
normal
reverse
600
-48V
VEE = -4.75V +
100mVRMS
2500Hz
20
30
-
dBC
PSRR VEE To 2-Wire
normal
reverse
600
-48V
VEE = -4.75V +
100mVRMS
2500Hz
20
32
-
dBC
Electrical Specifications Unless Otherwise Specified: Typical Parameters are at TA = 25oC, VCC = +5V, VEE = -5V, VBAT = -48V,
AGND = BGND = RGND = 0V, Min-Max Parameters are Over Power Supply and Operating Temperature Range. All Transmission Parame-
ters are Specified at 600
2-Wire Terminating Impedance with 0dB transmit and receive gain. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MODE
LOAD
VBAT
OTHER
CONDITIONS
FREQ/
LEVEL
HC5520


Similar Part No. - HC5520

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
HC5521CM INTERSIL-HC5521CM Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
HC5521CQ INTERSIL-HC5521CQ Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
HC5523 INTERSIL-HC5523 Datasheet
176Kb / 18P
   LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
October 1998
HC5523 INTERSIL-HC5523 Datasheet
570Kb / 22P
   LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
More results

Similar Description - HC5520

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com