Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC55183 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HC55183
Description  Extended Reach Ringing SLIC Family
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55183 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HC55183 Datasheet HTML 6Page - Intersil Corporation HC55183 Datasheet HTML 7Page - Intersil Corporation HC55183 Datasheet HTML 8Page - Intersil Corporation HC55183 Datasheet HTML 9Page - Intersil Corporation HC55183 Datasheet HTML 10Page - Intersil Corporation HC55183 Datasheet HTML 11Page - Intersil Corporation HC55183 Datasheet HTML 12Page - Intersil Corporation HC55183 Datasheet HTML 13Page - Intersil Corporation HC55183 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
37
Forward Active
Overview
The forward active mode (FA, 001) is the primary AC
transmission mode of the device. On hook transmission, DC
loop feed and voice transmission are supported during forward
active. Loop supervision is provided by either the switch hook
detector (E0 = 1) or the ground key detector (E0 = 0). The
device may be operated from either high or low battery for on-
hook transmission and low battery for loop feed.
On-Hook Transmission
The primary purpose of on hook transmission will be to
support caller ID and other advanced signalling features.
The transmission over load level while on hook is 3.5VPEAK.
When operating from the high battery, the DC voltages at Tip
and Ring are MTU compliant. The typical Tip voltage is -4V
and the Ring voltage is a function of the battery voltage for
battery voltages less than -60V as shown in Equation 17.
Loop supervision is provided by the switch hook detector at
the DET output. When DET goes low, the low battery should
be selected for DC loop feed and voice transmission.
Feed Architecture
The design implements a voltage feed current sense
architecture. The device controls the voltage across Tip and
Ring based on the sensing of load current. Resistors are
placed in series with Tip and Ring outputs to provide the
current sensing. The diagram below illustrates the concept.
By monitoring the current at the amplifier output, a negative
feedback mechanism sets the output voltage for a defined
load. The amplifier gains are set by resistor ratios (RA, RB,
RC) providing all the performance benefits of matched
resistors. The internal sense resistor, RCS, is much smaller
than the gain resistors and is typically 20
Ω for this device.
The feedback mechanism, KS, represents the amplifier
configuration providing the negative feedback.
DC Loop Feed
The feedback mechanism for monitoring the DC portion of
the loop current is the loop detector. A low pass filter is used
in the feedback to block voice band signals from interfering
with the loop current limit function. The pole of the low pass
filter is set by the external capacitor CDC. The value of the
external capacitor should be 4.7
µF.
Most applications will operate the device from low battery
while off hook. The DC feed characteristic of the device will
drive Tip and Ring towards half battery to regulate the DC
loop current. For light loads, Tip will be near -4V and Ring
will be near VVBL + 4V. The following diagram shows the DC
feed characteristic.
The point on the y-axis labeled VTR(OC) is the open circuit
Tip to Ring voltage and is defined by the feed battery
voltage.
The curve of Figure 5 determines the actual loop current for
a given set of loop conditions. The loop conditions are
determined by the low battery voltage and the DC loop
impedance. The DC loop impedance is the sum of the
protection resistance, copper resistance (ohms/foot) and the
telephone off hook DC resistance.
The slope of the feed characteristic and the battery voltage
define the maximum loop current on the shortest possible
loop as the short circuit current ISC.
The term ILIM is the programmed current limit, 1760/RIL.
The line segment IA represents the constant current region
of the loop current limit function.
The maximum loop impedance for a programmed loop
current is defined as RKNEE.
When RKNEE is exceeded, the device will transition from
constant current feed to constant voltage, resistive feed. The
line segment IB represents the resistive feed portion of the
load characteristic.
V
RING
V
BH
4
+
=
(EQ. 17)
FIGURE 3. VOLTAGE FEED CURRENT SENSE DIAGRAM
+
-
+
-
VIN
VOUT
RC
RCS
RL
RB
RA
KS
FIGURE 4. DC FEED CHARACTERISTIC
m = (
∆VTR/∆IL) = 10kΩ
ILOOP (mA)
ILIM
VTR(OC)
V
TR OC
()
V
BL
8
=
(EQ. 18)
FIGURE 5. ILOOP VERSUS RLOOP LOAD CHARACTERISTIC
RLOOP (Ω)
RKNEE
ILIM
ISC
IA
IB
2RP
I
SC
I
LIM
V
TR OC
() 2RPILIM
10e3
------------------------------------------------------
+
=
(EQ. 19)
I
A
I
LIM
V
TR OC
() RLOOPILIM
10e3
--------------------------------------------------------------
+
=
(EQ. 20)
R
KNEE
V
TR OC
()
I
LIM
------------------------
=
(EQ. 21)
I
B
V
TR OC
()
R
LOOP
------------------------
=
(EQ. 22)
HC55180, HC55181, HC55182, HC55183, HC55184


Similar Part No. - HC55183

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55183 INTERSIL-HC55183 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55183 INTERSIL-HC55183 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55183ECM INTERSIL-HC55183ECM Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55183ECMZ INTERSIL-HC55183ECMZ Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
More results

Similar Description - HC55183

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com