Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRS6028T330MMGJV Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # NRS6028T330MMGJV
Description  SMD Power Inductors for Automotive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRS6028T330MMGJV Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  NRS6028T330MMGJV Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc NRS6028T330MMGJV Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Halogen free / RoHS compliant
Wire Wound Inductor
-Electrical Characteristics Data-
Dimension
Length :
6.0 + / - 0.2
( 0.236 + / - 0.008 )
Width :
6.0 + / - 0.2
( 0.236 + / - 0.008 )
Height :
2.8
max.
( 0.11
max. )
Inductance :
33
uH
( test freq at 0.1MHz )
DC Resistance :
0.22
/
0.286
ohm ( typ / max )
Saturation Current :
1,100 mA ( max )
Temp. rise Current :
1,100 mA ( max )
Saturation current typical : 30% reduction from initial L value.
AEC-Q200 qualified
Temp rise Current typical : Temperature will rise by 40 deg C
2014/11/5
SMD Power Inductors for Industrial / Automotive Comfort and Safety Applications
(NR series S type)(AEC-Q200 qualified)
unit : mm
unit : inch
NRS6028T330MMGJV
0
10
20
30
40
50
0
600
1200
1800
2400
3000
DC Bias [mA]
DC Bias vs Inductance
1
10
100
1000
0.1
1
10
100
Frequency [MHz]
Frequency vs Inductance
0
10
20
30
40
50
60
0
400
800
1200
1600
2000
DC Bias [mA]
DC Bias vs Temperature
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
The products are tested based on the test conditions and methods defined in AEC-Q200.
Please consult with TAIYO YUDEN for the details of the product specification and AEC-Q200 test results, etc.,
and please review and approve TAIYO YUDEN's product specification before ordering.


Similar Part No. - NRS6028T330MMGJV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NRS6028T330MMGJ TAIYO-YUDEN-NRS6028T330MMGJ Datasheet
148Kb / 1P
   SMD Power Inductors
NRS6028T330MMGJ TAIYO-YUDEN-NRS6028T330MMGJ Datasheet
294Kb / 3P
   SMD Power Inductors (NR series S type)
NRS6028T330MMGJ TAIYO-YUDEN-NRS6028T330MMGJ Datasheet
370Kb / 3P
   Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
NRS6028T330MMGJ8 TAIYO-YUDEN-NRS6028T330MMGJ8 Datasheet
303Kb / 3P
   SMD Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (NR series S type)
NRS6028T330MMGJ TAIYO-YUDEN-NRS6028T330MMGJ_19 Datasheet
294Kb / 3P
   SMD Power Inductors (NR series S type)
More results

Similar Description - NRS6028T330MMGJV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NS12575T151MNV TAIYO-YUDEN-NS12575T151MNV Datasheet
168Kb / 2P
   SMD Power Inductors for Automotive
NS12575T220MNV TAIYO-YUDEN-NS12575T220MNV Datasheet
169Kb / 2P
   SMD Power Inductors for Automotive
NRH2410T1R0NN4V TAIYO-YUDEN-NRH2410T1R0NN4V Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRH2410T1R5MNV TAIYO-YUDEN-NRH2410T1R5MNV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRH2412T1R0NNGHV TAIYO-YUDEN-NRH2412T1R0NNGHV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRH3010T1R2NNV TAIYO-YUDEN-NRH3010T1R2NNV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRH3010T2R2MNV TAIYO-YUDEN-NRH3010T2R2MNV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRS2012T4R7MGJV TAIYO-YUDEN-NRS2012T4R7MGJV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRS5020T6R8MMGJV TAIYO-YUDEN-NRS5020T6R8MMGJV Datasheet
148Kb / 1P
   SMD Power Inductors for Automotive
NRS3015T4R7MNGHV TAIYO-YUDEN-NRS3015T4R7MNGHV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRS4010T220MDGGV TAIYO-YUDEN-NRS4010T220MDGGV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com