Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC55182AIM Datasheet(PDF) 9 Page - Intersil Corporation

Part # HC55182AIM
Description  Extended Reach Ringing SLIC Family
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55182AIM Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HC55182AIM Datasheet HTML 5Page - Intersil Corporation HC55182AIM Datasheet HTML 6Page - Intersil Corporation HC55182AIM Datasheet HTML 7Page - Intersil Corporation HC55182AIM Datasheet HTML 8Page - Intersil Corporation HC55182AIM Datasheet HTML 9Page - Intersil Corporation HC55182AIM Datasheet HTML 10Page - Intersil Corporation HC55182AIM Datasheet HTML 11Page - Intersil Corporation HC55182AIM Datasheet HTML 12Page - Intersil Corporation HC55182AIM Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
36
Low Power Standby
Overview
The low power standby mode (LPS, 000) should be used
during idle line conditions. The device is designed to operate
from the high battery during this mode. Most of the internal
circuitry is powered down, resulting in low power dissipation.
If the 2-wire (tip/ring) DC voltage requirements are not
critical during idle line conditions, the device may be
operated from the low battery. Operation from the low
battery will decrease the standby power dissipation.
2-Wire Interface
During LPS, the 2-wire interface is maintained with internal
switches and voltage references. The Tip and Ring
amplifiers are turned off to conserve power. The device will
provide MTU compliance, loop current and loop supervision.
Figure 2 represents the internal circuitry providing the 2-wire
interface during low power standby.
MTU Compliance
Maintenance Termination Unit or MTU compliance places
DC voltage requirements on the 2-wire terminals during idle
line conditions. The minimum idle voltage is 42.75V. The
high side of the MTU range is 56V. The voltage is expressed
as the difference between Tip and Ring.
The Tip voltage is held near ground through a 600
Ω resistor
and switch. The Ring voltage is limited to a maximum of
-49V (by MTU REF) when operating from either the high or
low battery. A switch and 600
Ω resistor connect the MTU
reference to the Ring terminal. When the high battery
voltage exceeds the MTU reference of -49V (typically), the
Ring terminal will be clamped by the internal reference. The
same Ring relationships apply when operating from the low
battery voltage. For high battery voltages (VBH) less than or
equal to the internal MTU reference threshold:
Loop Current
During LPS, the device will provide current to a load. The
current path is through resistors and switches, and will be
function of the off hook loop resistance (RLOOP). This
includes the off hook phone resistance and copper loop
resistance. The current available during LPS is determined
by Equation 13.
Internal current limiting of the standby switches will limit the
maximum current to 20mA.
Another loop current related parameter is longitudinal
current capability. The longitudinal current capability is
reduced to 10mARMS per pin. The reduction in longitudinal
current capability is a result of turning off the Tip and Ring
amplifiers.
On Hook Power Dissipation
The on hook power dissipation of the device during LPS is
determined by the operating voltages and quiescent currents
and is calculated using Equation 14.
The quiescent current terms are specified in the electrical
tables for each operating mode. Load power dissipation is
not a factor since this is an on hook mode. Some
applications may specify a standby current. The standby
current may be a charging current required for modern
telephone electronics.
Standby Current Power dissipation
Any standby line current, ISLC, introduces an additional
power dissipation term PSLC. Equation 15 illustrates the
power contribution is zero when the standby line current is
zero.
If the battery voltage is less than -49V (the MTU clamp is
off), the standby line current power contribution reduces to
Equation 16.
Most applications do not specify charging current
requirements during standby. When specified, the typical
charging current may be as high as 5mA.
TABLE 1. DEVICE INTERFACES DURING LPS
INTERFACE
ON
OFF
NOTES
Receive
x
AC transmission, impedance
matching and ringing are dis-
abled during this mode.
Ringing
x
Transmit
x
2-Wire
x
Amplifiers disabled.
Loop Detect
x
Switch hook or ground key.
FIGURE 2. LPS 2-WIRE INTERFACE CIRCUIT DIAGRAM
TIP AMP
RING AMP
TIP
RING
MTU REF
GND
600
600
V
RING
V
BH
4
+
=
(EQ. 12)
I
LOOP
1
49
()
() 600 600 R
LOOP
++
()
=
(EQ. 13)
P
LPS
V
BH
I
BHQ
×
V
BL
I
BLQ
×
V
CC
I
CCQ
×
++
=
(EQ. 14)
P
SLC
I
SLC
V
BH
49
1I
SLCx1200
++
()
×
=
(EQ. 15)
P
SLC
I
SLC
V
BH
1I
SLCx1200
++
()
×
=
(EQ. 16)
HC55180, HC55181, HC55182, HC55183, HC55184


Similar Part No. - HC55182AIM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55180DIM INTERSIL-HC55180DIM Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55181 INTERSIL-HC55181 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55181DIM INTERSIL-HC55181DIM Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
More results

Similar Description - HC55182AIM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com