Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9042 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9042
Description  12-Bit, 41 MSPS Monolithic ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042 Datasheet(HTML) 1 Page - Analog Devices

  AD9042_15 Datasheet HTML 1Page - Analog Devices AD9042_15 Datasheet HTML 2Page - Analog Devices AD9042_15 Datasheet HTML 3Page - Analog Devices AD9042_15 Datasheet HTML 4Page - Analog Devices AD9042_15 Datasheet HTML 5Page - Analog Devices AD9042_15 Datasheet HTML 6Page - Analog Devices AD9042_15 Datasheet HTML 7Page - Analog Devices AD9042_15 Datasheet HTML 8Page - Analog Devices AD9042_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
12-Bit, 41 MSPS
Monolithic ADC
AD9042
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1995–2009 Analog Devices, Inc. All rights reserved.
FEATURES
41 MSPS minimum sample rate
80 dB spurious-free dynamic range
595 mW power dissipation
Single 5 V supply
On-chip track-and-hold (T/H) and reference
Twos complement output format
CMOS-compatible output levels
APPLICATIONS
Cellular/PCS base stations
GPS anti jamming receivers
Communications receivers
Spectrum analyzers
Electro-optics
Medical imaging
ATE
FUNCTIONAL BLOCK DIAGRAM
AIN
ENCODE
VREF
AD9042
ADC
VOFFSET
6
DAC
TH2
A1
TH1
TH3
A2
ADC
DIGITAL ERROR CORRECTION LOGIC
7
ENCODE
GND
MSB
LSB
D10 D9D8D7D6D5D4D3D2D1D0
D11
2.4V
REFERENCE
INTERNAL
TIMING
AVCC
DVCC
Figure 1.
GENERAL DESCRIPTION
The AD9042 is a high speed, high performance, low power,
monolithic 12-bit analog-to-digital converter (ADC). All
necessary functions, including track-and-hold (T/H) and
reference, are included on chip to provide a complete conversion
solution. The AD9042 operates from a single 5 V supply and
provides CMOS-compatible digital outputs at 41 MSPS.
Designed specifically to address the needs of wideband, multi-
channel receivers, the AD9042 maintains 80 dB spurious-free
dynamic range (SFDR) over a bandwidth of 20 MHz. Noise
performance is also exceptional; typical signal-to-noise ratio
(SNR) is 68 dB.
The AD9042 is built on a high speed complementary bipolar
process (XFCB) used by Analog Devices, Inc., and uses an
innovative multipass architecture. Units are packaged in a
44-lead LQFP low profile quad flat package. The AD9042
industrial grade is specified from −40°C to +85°C. However,
the AD9042 was designed to perform over the full military
temperature range (−55°C to +125°C); consult the factory for
military grade product options.
PRODUCT HIGHLIGHTS
1.
Guaranteed sample rate is 41 MSPS.
2.
Dynamic performance specified over entire Nyquist band;
spurious signals 80 dBc typical for −1 dBFS input signals.
3.
Low power dissipation: 595 mW off a single 5 V supply.
4.
Reference and track-and-hold included on chip.
5.
Packaged in 44-lead LQFP.


Similar Part No. - AD9042_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9042AD AD-AD9042AD Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042AST AD-AD9042AST Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042CHIPS AD-AD9042CHIPS Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042D AD-AD9042D Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042D/PCB AD-AD9042D/PCB Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
More results

Similar Description - AD9042_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
logo
Maxwell Technologies
9042 MAXWELL-9042 Datasheet
396Kb / 26P
   12-Bit, 41 MSPS A/D Converter
logo
Analog Devices
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
AD15252 AD-AD15252 Datasheet
628Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
AD15252 AD-AD15252_15 Datasheet
636Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com