Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9042 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9042
Description  12-Bit, 41 MSPS Monolithic ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9042_15 Datasheet HTML 5Page - Analog Devices AD9042_15 Datasheet HTML 6Page - Analog Devices AD9042_15 Datasheet HTML 7Page - Analog Devices AD9042_15 Datasheet HTML 8Page - Analog Devices AD9042_15 Datasheet HTML 9Page - Analog Devices AD9042_15 Datasheet HTML 10Page - Analog Devices AD9042_15 Datasheet HTML 11Page - Analog Devices AD9042_15 Datasheet HTML 12Page - Analog Devices AD9042_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD9042
Rev. B | Page 9 of 24
ENCODE = 41MSPS
AIN = 15.3MHz, 19.5MHz
FREQUENCY (MHz)
0
–80
–120
–40
–100
–20
–60
dc
4.1
8.2
12.3
16.4
20.5
Figure 9. Two Tones at 15.3 MHz and 19.5 MHz
SAMPLE RATE (MSPS)
0
5
c
d5
10
15
20
25
30
35
40
45
80
70
65
60
75
SNR
85
AIN = 4.3MHz
WORST SPUR
Figure 10. SNR, Worst Harmonic vs. Encode
ENCODE DUTY CYCLE (%)
90
65
55
45
75
85
80
70
60
50
40
35
30
ENCODE = 41MSPS
AIN = 19.5MHz
WORST SPUR
SNR
25
30
35
40
45
50
55
60
65
70
75
Figure 11. SNR, Worst Spurious vs. Duty Cycle
4
FREQUENCY (MHz)
0
–80
–120
–40
–100
–20
–60
dc
4.1
8.2
12.3
16.4
20.5
ENCODE = 41MSPS
AIN = BROADBAND_NOISE
Figure 12. NPR Output Spectrum
ENCODE = 41MSPS
AIN = 19.5MHz @ –29dBFS
NO DITHER
2
4
6
8
8
7
5
3
FREQUENCY (MHz)
0
–80
–120
–40
–100
–20
–60
dc
4.1
8.2
12.3
16.4
20.5
Figure 13. 4K FFT Without Dither
ANALOG INPUT POWER LEVEL (dBFS)
ENCODE = 41MSPS
AIN = 19.5MHz
NO DITHER
SFDR = 80dB
REFERENCE LINE
100
0
90
60
40
20
10
80
70
50
30
0
–10
–20
–30
–40
–50
–60
–70
–80
Figure 14. SFDR Without Dither


Similar Part No. - AD9042_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9042AD AD-AD9042AD Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042AST AD-AD9042AST Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042CHIPS AD-AD9042CHIPS Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042D AD-AD9042D Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042D/PCB AD-AD9042D/PCB Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
More results

Similar Description - AD9042_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
logo
Maxwell Technologies
9042 MAXWELL-9042 Datasheet
396Kb / 26P
   12-Bit, 41 MSPS A/D Converter
logo
Analog Devices
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
AD15252 AD-AD15252 Datasheet
628Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
AD15252 AD-AD15252_15 Datasheet
636Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com