Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1678G Datasheet(PDF) 8 Page - NEC

Part # UPC1678G
Description  5 V-BIAS, 7.5 dBm OUTPUT, 2.0 GHz WIDEBAND Si MMIC AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1678G Datasheet(HTML) 8 Page - NEC

Back Button UPC1678G Datasheet HTML 4Page - NEC UPC1678G Datasheet HTML 5Page - NEC UPC1678G Datasheet HTML 6Page - NEC UPC1678G Datasheet HTML 7Page - NEC UPC1678G Datasheet HTML 8Page - NEC UPC1678G Datasheet HTML 9Page - NEC UPC1678G Datasheet HTML 10Page - NEC UPC1678G Datasheet HTML 11Page - NEC UPC1678G Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet P11491EJ4V0DS00
8
µµµµPC1678G
OUTPUT POWER vs. INPUT POWER
SATURATED OUTPUT POWER vs. FREQUENCY
OUTPUT POWER vs. INPUT POWER
DISTORTION vs. OUTPUT POWER OF EACH TONE
0.01
0.03
0.1
0.3
1.0
3.0
–20
–15
–10
–5
0
+5
+10
Input Power Pin (dBm)
Frequency f (GHz)
Output Power of Each Tone PO(each) (dBm)
Input Power Pin (dBm)
0
+5
+10
+15
+20
+25
0
+5
+10
+15
+20
+25
0
–70
–60
–50
–40
–30
–20
–10
0
+5
+10
+15
+20
+25
–20
–15
–10
–5
0
+5
+10
–5
0
+5
+10
+15
Pin = +3 dBm
f = 500 MHz
f = 500 MHz
VCC = 5.0 V
f1 = 500 MHz
f2 = 502 MHz
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
TA = +85
°C
TA = +25
°C
TA = –45
°C
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
THIRD ORDER INTERMODULATION


Similar Part No. - UPC1678G

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1678G-E1 NEC-UPC1678G-E1 Datasheet
126Kb / 6P
   2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
California Eastern Labs
UPC1678GV CEL-UPC1678GV Datasheet
340Kb / 7P
   2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
Renesas Technology Corp
UPC1678GV RENESAS-UPC1678GV Datasheet
461Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
logo
NEC
UPC1678GV-E1 NEC-UPC1678GV-E1 Datasheet
126Kb / 6P
   2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
California Eastern Labs
UPC1678GV-E1 CEL-UPC1678GV-E1 Datasheet
340Kb / 7P
   2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
More results

Similar Description - UPC1678G

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1679G NEC-UPC1679G Datasheet
73Kb / 12P
   5 V-BIAS, 5.5 dBm OUTPUT, 1.8 GHz WIDEBAND Si MMIC AMPLIFIER
UPC2745T NEC-UPC2745T Datasheet
115Kb / 5P
   3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
logo
List of Unclassifed Man...
TA075-180-24-12 ETC-TA075-180-24-12 Datasheet
28Kb / 2P
   7.5 - 18 GHz 12 dBm Amplifier
logo
Transcom, Inc.
TA075-180-24-12 TRANSCOM-TA075-180-24-12 Datasheet
125Kb / 2P
   7.5 - 18 GHz 12 dBm Amplifier
logo
NEC
UPC3224TB NEC-UPC3224TB Datasheet
91Kb / 15P
   5 V, SILICON MMIC WIDEBAND AMPLIFIER
logo
Renesas Technology Corp
PC3224TB RENESAS-PC3224TB_15 Datasheet
224Kb / 17P
   5 V, SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2746T-E3 NEC-UPC2746T-E3 Datasheet
121Kb / 5P
   3 V, 1500 MHz Si MMIC WIDEBAND AMPLIFIER
UPC2762T NEC-UPC2762T Datasheet
144Kb / 6P
   3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER
UPC3227TB NEC-UPC3227TB Datasheet
115Kb / 14P
   5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER
logo
Transcom, Inc.
TA010-020-15-15 TRANSCOM-TA010-020-15-15 Datasheet
17Kb / 1P
   1.0 - 2.0 GHz 15 dBm Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com