Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9054A Datasheet(PDF) 8 Page - Analog Devices

Part # AD9054A
Description  8-Bit, 200 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9054A Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9054A_15 Datasheet HTML 4Page - Analog Devices AD9054A_15 Datasheet HTML 5Page - Analog Devices AD9054A_15 Datasheet HTML 6Page - Analog Devices AD9054A_15 Datasheet HTML 7Page - Analog Devices AD9054A_15 Datasheet HTML 8Page - Analog Devices AD9054A_15 Datasheet HTML 9Page - Analog Devices AD9054A_15 Datasheet HTML 10Page - Analog Devices AD9054A_15 Datasheet HTML 11Page - Analog Devices AD9054A_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
fIN – MHz
55
50
30
0
140
20
40
60
80
100
120
45
40
35
SNR
SINAD
NYQUIST
FREQUENCY
(100MHz)
TPC 1. SNR vs. fIN:fS = 200 MSPS
fS – MSPS
50
40
25
50
100
150
200
250
300
49
44
43
42
41
47
45
48
46
75
125
175
225
270
SNR
SINAD
TPC 2. SNR vs. fS: fIN = 19.7 MHz
fS – MSPS
50
40
25
50
100
150
200
250
300
35
30
25
20
45
SNR
SINAD
75
125
175
225
270
TPC 3. SNR vs. fS:fIN = 70.1 MHz
AD9054A–Typical Performance Characteristics
–8–
REV. D
TC – C
44.0
–45
0
25
70
90
45.2
44.8
44.4
44.2
45.4
45.0
44.6
70MHz
20MHz
50MHz
TPC 4. SNR vs. Temperature, fS = 135 MSPS
TC – C
46.0
44.0
–60
100
–40
–20
0
20
40
60
80
45.8
45.2
44.8
44.4
44.2
45.6
45.4
45.0
44.6
20MHz
50MHz
70MHz
TPC 5. SNR vs. Temperature, fS = 200 MSPS
ENCODE PULSEWIDTH – ns
50
30
0.0
8.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
48
42
38
34
32
46
44
40
36
fS = 135MSPS
fIN = 10.3MHz
SNR
SINAD
TPC 6. SNR vs. Clock Pulsewidth, (tPWH): fS = 135 MSPS


Similar Part No. - AD9054A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
More results

Similar Description - AD9054A_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054A AD-AD9054A Datasheet
332Kb / 19P
   8-Bit, 200 MSPS A/D Converter
REV. B
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Analog Devices
AD9732 AD-AD9732_15 Datasheet
148Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
National Semiconductor ...
ADC08B200 NSC-ADC08B200_1 Datasheet
657Kb / 32P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200 NSC-ADC08B200 Datasheet
596Kb / 30P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com