Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KST8050S Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KST8050S
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KST8050S Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KST8050S_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KST8050S_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
SMD Type
Transistors
1
www.kexin.com.cn
Features
Collector Current: IC=0.5A
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
V
e
g
a
tl
o
V
e
s
a
B
-r
o
t
c
e
ll
o
C
CBO
40
V
Collector-Emitter Voltage
VCEO
25
V
V
e
g
a
tl
o
V
e
s
a
B
-r
e
tt
i
m
E
EBO
5
V
Collector Current -Continuous
IC
0.5
A
P
n
o
it
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
C
C
0.3
W
T
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
j
150
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
stg
-55 to 150
Electrical Characteristics Ta = 25
ti
n
U
x
a
M
p
y
T
n
i
M
s
n
o
ti
i
d
n
o
c
t
s
e
T
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Collector-base breakdown voltage
VCBO
IC = 100 uA, I E
V
0
4
0
=
Collector-emitter breakdown voltage
VCEO
IC = 1mA , IB
V
5
2
0
=
Emitter-base Breakdown voltage
VEBO
IE = 100 uA, I C
V
5
0
=
I
t
n
e
rr
u
c
ff
o
-t
u
c
e
s
a
b
-r
o
t
c
e
ll
o
C
CBO
VCB = 40 V , IE
1
.
0
0
=
A
Collector-emitter cut-off current
ICEO
VCE = 20 V , IB
1
0
=
A
I
t
n
e
rr
u
c
ff
o
-t
u
c
e
s
a
b
-r
e
tt
i
m
E
EBO
VEB = 5 V , IC
1
.
0
0
=
A
VCE = 1 V , IC = 50 mA
120
400
VCE = 1 V , IC = 500 mA
50
Collector-emitter saturation voltage
VCE(sat) IC = 500 mA , IB
V
6
.
0
A
m
0
5
=
Base-emitter saturation voltage
VBE(sat) IC = 500 mA , IB
V
2
.
1
A
m
0
5
=
f
y
c
n
e
u
q
e
rf
n
o
it
i
s
n
a
r
T
T
VCE = 6 V , IC = 20 mA , f = 30 MHz
150
MHz
h
n
i
a
g
t
n
e
rr
u
c
C
D
FE
NPN Transistors
KST8050S
Classification of hfe(1)
Type
KST8050S
KST8050S-L
KST8050S-H
KST8050S-J
Range
200-350
120-200
144-202
300-400
Marking
J3Y
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01


Similar Part No. - KST8050S_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST8050S-3 KEXIN-KST8050S-3_15 Datasheet
1Mb / 2P
   NPN Transistors
KST8050S-H KEXIN-KST8050S-H Datasheet
1Mb / 2P
   NPN Transistors
KST8050S-J KEXIN-KST8050S-J Datasheet
1Mb / 2P
   NPN Transistors
KST8050S-L KEXIN-KST8050S-L Datasheet
1Mb / 2P
   NPN Transistors
More results

Similar Description - KST8050S_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com