Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KST9012-J Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KST9012-J
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KST9012-J Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KST9012-J Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KST9012-J Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
SMD Type
IC
Transistors
SMD Type
KST9012
Typical Characteristics
-1
-10
-100
0
100
200
300
400
-1
-10
-100
-1
-10
-100
-1000
-0.1
-1
-10
1
-10
-100
500
0
25
50
75
100
125
150
0
100
200
300
400
-1
-10
-100
-0.0
-0.4
-0.8
-1.2
-0
-4
-8
-12
-16
-20
-0
-20
-40
-60
-80
-100
f
T
—— I
C
h
FE
——
COMMON EMITTER
VCE=-1V
-500
Ta=100℃
Ta=25℃
COLLECTOR CURRENT I
C
(mA)
I
C
COLLECTOR CURRENT I
C
(mA)
COLLECTOR CURRENT I
C
(mA)
β=10
Ta=25℃
Ta=100℃
I
C
V
CEsat
——
-500
100
100
10
-20
Cob
Cib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/ IC=0
Ta=25℃
V
CB/ VEB
C
ob/ Cib
——
-5
VCE=-6V
Ta=25
oC
AMBIENT TEMPERATURE Ta ( )
Pc —— Ta
β=10
COLLECTOR CURRENT I
C
(mA)
Ta=25℃
Ta=100℃
-500
I
C
V
BEsat
——
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-400uA
-350uA
-300uA
-250uA
-200uA
-150uA
-100uA
I
B=-50uA
COMMON
EMITTER
Ta=25℃


Similar Part No. - KST9012-J

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9012-J KEXIN-KST9012-J Datasheet
955Kb / 2P
   PNP Transistors
More results

Similar Description - KST9012-J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com