Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9259 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9259
Description  Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9259_15 Datasheet HTML 6Page - Analog Devices AD9259_15 Datasheet HTML 7Page - Analog Devices AD9259_15 Datasheet HTML 8Page - Analog Devices AD9259_15 Datasheet HTML 9Page - Analog Devices AD9259_15 Datasheet HTML 10Page - Analog Devices AD9259_15 Datasheet HTML 11Page - Analog Devices AD9259_15 Datasheet HTML 12Page - Analog Devices AD9259_15 Datasheet HTML 13Page - Analog Devices AD9259_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AD9259
Data Sheet
Rev. E | Page 10 of 52
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
ELECTRICAL
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to DRGND
−0.3 V to +2.0 V
AGND to DRGND
−0.3 V to +0.3 V
AVDD to DRVDD
−2.0 V to +2.0 V
Digital Outputs1 to DRGND
−0.3 V to +2.0 V
CLK+, CLK− to AGND
−0.3 V to +3.9 V
VIN + x, VIN – x to AGND
−0.3 V to +2.0 V
SDIO/ODM to AGND
−0.3 V to +2.0 V
PDWN, SCLK/DTP, CSB to AGND
−0.3 V to +3.9 V
REFT, REFB, RBIAS to AGND
−0.3 V to +2.0 V
VREF, SENSE to AGND
−0.3 V to +2.0 V
ENVIRONMENTAL
Operating Temperature
Range (Ambient)
−40°C to +85°C
Maximum Junction
Temperature
150°C
Lead Temperature
(Soldering, 10 sec)
300°C
Storage Temperature
Range (Ambient)
−65°C to +150°C
1
Digital outputs include D + x, D − x, DCO+, DCO−, FCO+, FCO−.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL IMPEDANCE
Table 6.
Air Flow Velocity (m/sec)
θJA1
θJB
θJC
Unit
0.0
24
°C/W
1.0
21
12.6
1.2
°C/W
2.5
19
°C/W
1
θJA for a 4-layer PCB with solid ground plane (simulated). Exposed pad
soldered to PCB.
ESD CAUTION


Similar Part No. - AD9259_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9259 AD-AD9259_17 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
More results

Similar Description - AD9259_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9259 AD-AD9259 Datasheet
1Mb / 52P
   Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9249 AD-AD9249 Datasheet
1Mb / 36P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
REV. 0
AD9249 AD-AD9249_17 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9653 AD-AD9653 Datasheet
1Mb / 40P
   Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com