Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9260 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9260
Description  High Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9260_15 Datasheet HTML 4Page - Analog Devices AD9260_15 Datasheet HTML 5Page - Analog Devices AD9260_15 Datasheet HTML 6Page - Analog Devices AD9260_15 Datasheet HTML 7Page - Analog Devices AD9260_15 Datasheet HTML 8Page - Analog Devices AD9260_15 Datasheet HTML 9Page - Analog Devices AD9260_15 Datasheet HTML 10Page - Analog Devices AD9260_15 Datasheet HTML 11Page - Analog Devices AD9260_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD9260
Rev. C | Page 8 of 44
Table 5. Integer Filter Coefficients for First Stage
Decimation Filter (23-Tap Half-Band FIR Filter)
Lower Coefficient
Upper Coefficient
Integer Value
H(1)
H(23)
–1
H(2)
H(22)
0
H(3)
H(21)
13
H(4)
H(20)
0
H(5)
H(19)
–66
H(6)
H(18)
0
H(7)
H(17)
224
H(8)
H(16)
0
H(9)
H(15)
–642
H(10)
H(14)
0
H(11)
H(13)
2496
H(12)
4048
Table 6. Integer Filter Coefficients for Second Stage
Decimation Filter (43-Tap Half-Band FIR Filter)
Lower Coefficient
Upper Coefficient
Integer Value
H(1)
H(43)
3
H(2)
H(42)
0
H(3)
H(41)
–12
H(4)
H(40)
0
H(5)
H(39)
35
H(6)
H(38)
0
H(7)
H(37)
–83
H(8)
H(36)
0
H(9)
H(35)
172
H(10)
H(34)
0
H(11)
H(33)
–324
H(12)
H(32)
0
H(13)
H(31)
572
H(14)
H(30)
0
H(15)
H(29)
–976
H(16)
H(28)
0
H(17)
H(27)
1680
H(18)
H(26)
0
H(19)
H(25)
–3204
H(20)
H(24)
0
H(21)
H(23)
10274
H(22)
16274
NOTE:
The composite filter undecimated coefficients (i.e.,
impulse response) in the 4× decimation mode can be
determined by convolving the first stage filter taps with a
“zero stuffed” version of the second stage filter taps (i.e., insert
one zero between samples). Similarly, the composite filter
coefficients in the 8× decimation mode can be determined by
convolving the taps of the composite 4× decimation mode (as
previously determined) with a “zero stuffed” version of the third
stage filter taps (i.e., insert three zeros between samples).
Table 7. Integer Filter Coefficients for Third Stage
Decimation Filter (107-Tap Half-Band FIR Filter)
Lower Coefficient
Upper Coefficient
Integer Value
H(1)
H(107)
–1
H(2)
H(106)
0
H(3)
H(105)
2
H(4)
H(104)
0
H(5)
H(103)
–2
H(6)
H(102)
0
H(7)
H(101)
3
H(8)
H(100)
0
H(9)
H(99)
–3
H(10)
H(98)
0
H(11)
H(97)
1
H(12)
H(96)
0
H(13)
H(95)
3
H(14)
H(94)
0
H(15)
H(93)
–12
H(16)
H(92)
0
H(17)
H(91)
27
H(18)
H(90)
0
H(19)
H(89)
–50
H(20)
H(88)
0
H(21)
H(87)
85
H(22)
H(86)
0
H(23)
H(85)
–135
H(24)
H(84)
0
H(25)
H(83)
204
H(26)
H(82)
0
H(27)
H(81)
–297
H(28)
H(80)
0
H(29)
H(79)
420
H(30)
H(78)
0
H(31)
H(77)
–579
H(32)
H(76)
0
H(33)
H(75)
784
H(34)
H(74)
0
H(35)
H(73)
–1044
H(36)
H(72)
0
H(37)
H(71)
1376
H(38)
H(70)
0
H(39)
H(69)
–1797
H(40)
H(68)
0
H(41)
H(67)
2344
H(42)
H(66)
0
H(43)
H(65)
–3072
H(44)
H(64)
0
H(45)
H(63)
4089
H(46)
H(62)
0
H(47)
H(61)
–5624
H(48)
H(60)
0
H(49)
H(59)
8280
H(50)
H(58)
0
H(51)
H(57)
–14268
H(52)
H(56)
0
H(53)
H(55)
43520
H(54)
68508


Similar Part No. - AD9260_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9260 AD-AD9260_17 Datasheet
1Mb / 45P
   High Speed Oversampling CMOS ADC
More results

Similar Description - AD9260_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9260 AD-AD9260 Datasheet
572Kb / 36P
   High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. B
AD9260 AD-AD9260_17 Datasheet
1Mb / 45P
   High Speed Oversampling CMOS ADC
AD776 AD-AD776 Datasheet
921Kb / 12P
   16-Bit 100 kSPS Oversampling ADC
REV. A
logo
Linear Technology
LTC2440 LINER-LTC2440_15 Datasheet
367Kb / 28P
   24-Bit High Speed Differential ADC with Selectable Speed/Resolution
logo
Texas Instruments
ADS7881 TI1-ADS7881_14 Datasheet
1Mb / 32P
[Old version datasheet]   4 MHz Sample Rate, 12-Bit Resolution High Speed Parallel Interface
logo
Analog Devices
AD9201ARSZ AD-AD9201ARSZ Datasheet
75Kb / 4P
   Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
AD9201 AD-AD9201 Datasheet
431Kb / 20P
   Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
AD9281 AD-AD9281_17 Datasheet
411Kb / 16P
   Resolution CMOS ADC
AD9201 AD-AD9201_17 Datasheet
467Kb / 21P
   Resolution CMOS ADC
logo
Linear Technology
LTC2440 LINER-LTC2440 Datasheet
301Kb / 28P
   24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com