Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC3022G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC3022G
Description  Surface Mount Power Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3022G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC3022G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Features of the EFD15-6 Series
• Low Loss Material ensures operation in High Frequency
Switching Converters such as Flyback, Buck, Boost
Topology or as Coupled Inductors
• UL1446 Class B Insulating System
• UL 94V-0 Recognized Material
• Very Low Leakage Inductance
EPC3020G-EPC3027G
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC3020G-CSC3027G
Rev. 2
12/18/02
Package EFD15-6
.492
(12.50)
.098
(2.50)
.646 Max.
(16.40)
.709
Max.
(18.00)
Pin 1
I.D.
1
12
6
7
.028
(.700)
PCA
EPC30XXG
D.C.
.837
(21.25)
.072
(1.82)
0°-8°
.012
(.300)
.315 Max.
(8.00)
.016
(.400)
Schematic
5
4
7
8
9
6
2
1
10
11
12
3
1:1:1:1:1:1
Notes :
1. Ns = Number of series connections
2. Np = Number of parallel connections
3. Ks = Ns x
6/Ns
4. Kp =
6/Np
Connection
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Part
Number
EPC3020G
EPC3021G
EPC3022G
EPC3023G
EPC3024G
EPC3025G
EPC3026G
EPC3027G
Idc
(Amps)
2.6 /Ks
2.6 /Kp
1.8
3.6 /Ks
3.6 /Kp
2.17
4.4 /Ks
4.4 /Kp
1.8
5.3 /Ks
5.3 /Kp
2.17
4.4 /Ks
4.4 /Kp
1.8
5.3 /Ks
5.3 /Kp
2.17
4.4 /Ks
4.4 /Kp
1.8
5.3 /Ks
5.3 /Kp
2.17
DCR
(
Ω Max.)
.083 xNs
.083 /Np
.083
.057xNs
.057 /Np
.057
.083 xNs
.083 /Np
.083
.057xNs
.057 /Np
.057
.083 xNs
.083 /Np
.083
.057xNs
.057 /Np
.057
.083 xNs
.083 /Np
.083
.057xNs
.057 /Np
.057
Inductance
Change
@ Idc (Typ.)
28%
28%
6%
26%
26%
4%
6.5%
6.5%
0%
3%
3%
0%
2%
2%
0%
0.5%
0.5%
0%
0%
0%
0%
0%
0%
0%
Inductance
(µH ± 20%)
@ 0 Adc
23.7 x(Ns)
23.7
23.7
11.3 x(Ns)
11.3
11.3
12.7 x(Ns)
12.7
12.7
6.1 x(Ns)
6.1
6.1
10.1 x(Ns)
10.1
10.1
4.9 x(Ns)
4.9
4.9
7.94 x(Ns)
7.94
7.94
3.8 x(Ns)
3.8
3.8
Temp. Rise
@ Idc
(°C Typ.)
20
20
39
24
24
39
39
39
39
39
39
39
39
39
39
39
39
39
39
39
39
39
39
39
Vt 1
(V-µSec. Max.)
62.5 xNs
62.5
62.5
43 xNs
43
43
62.5 xNs
62.5
62.5
43 xNs
43
43
62.5 xNs
62.5
62.5
43 xNs
43
43
62.5 xNs
62.5
62.5
43 xNs
43
43
2
2
2
2
2
2
2
2
• Switching Frequency : Up to 1 MHz • Isolation : 500 Vrms •


Similar Part No. - EPC3022G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3022G PCA-EPC3022G Datasheet
68Kb / 1P
   Surface Mount Power Transformer
More results

Similar Description - EPC3022G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3076G-X PCA-EPC3076G-X Datasheet
42Kb / 1P
   Surface Mount Power Transformer
EPC3018G PCA-EPC3018G Datasheet
65Kb / 1P
   Surface Mount Power Transformer
EPC3018G-C3019G PCA-EPC3018G-C3019G_15 Datasheet
69Kb / 1P
   Surface Mount Power Transformer
EPC3076G-X PCA-EPC3076G-X_15 Datasheet
45Kb / 1P
   Surface Mount Power Transformer
EPC3028G-C3029G PCA-EPC3028G-C3029G_15 Datasheet
69Kb / 1P
   Surface Mount Power Transformer
EPC3030G-EPC3107G PCA-EPC3030G-EPC3107G_15 Datasheet
69Kb / 1P
   Surface Mount Power Transformer
EPC3020G PCA-EPC3020G Datasheet
68Kb / 1P
   Surface Mount Power Transformer
EPC3028G PCA-EPC3028G Datasheet
69Kb / 1P
   Surface Mount Power Transformer
EPC3030G PCA-EPC3030G Datasheet
69Kb / 1P
   Surface Mount Power Transformer
logo
PREMIER DEVICES, INC.
XFA-0101-25B PDI-XFA-0101-25B Datasheet
49Kb / 1P
   SURFACE MOUNT TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com