Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FF60UP30DN Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # FF60UP30DN
Description  60.0 Ampere,300 Volt Common Cathode Fast Recovery Epitaxial Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FF60UP30DN Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FF60UP30DN Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FF60UP30DN Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. FF60UP30DN Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ABSOLUTE MAXIMUM RATINGS
TC=25°C unless otherwise specified
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Values
Unit
VR
Maximum D.C. Reverse Voltage
300
V
VRRM
Maximum Repetitive Reverse Voltage
300
V
IF(AV)
Average Forward Current
TC=110°C, Per Diode
30
A
TC=110°C, Per Package
60
A
IF(RMS)
RMS Forward Current
TC=110°C, Per Diode
42
A
IFSM
Non-Repetitive Surge Forward Current
TJ=45°C, t=10ms, 50Hz, Sine
480
A
PD
Power Dissipation
156
W
TJ
Junction Temperature
-55to +150
°C
TSTG
Storage Temperature Range
-55 to +150
°C
Torque
Module-to-Sink
Recommended(M3)
1.1
N·m
Rth(J-C)
Thermal Resistance
Junction-to-Case, Per Diode
0.8
°C /W
Weight
6
g
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IRM
Reverse Leakage Current
VR=300V
--
--
10
µA
VR=300V, TJ=125°C
--
--
10
mA
VF
Forward Voltage
IF=30A
--
1.25
1.8
V
IF=30A, TJ=125°C
--
1.12
--
V
trr
Reverse Recovery Time
IF=1A, VR=30V, diF/dt=-200A/μs
--
22
--
ns
trr
Reverse Recovery Time
VR=150V, IF=30A
diF/dt=-200A/μs, TJ=25°C
--
35
--
ns
IRRM
Max. Reverse Recovery Current
--
2.5
--
A
trr
Reverse Recovery Time
VR=150V, IF=30A
diF/dt=-200A/μs, TJ=125°C
--
70
--
ns
IRRM
Max. Reverse Recovery Current
--
6.8
--
A
®
FF60UP30DN
Pb Free Plating Product
FF60UP30DN
60.0 Ampere,300 Volt Common Cathode Fast Recovery Epitaxial Diode
Pb
·
Ultrafast Recovery Time
·
Soft Recovery Characteristics
·
Low Recovery Loss
·
Low Forward Voltage
·
High Surge Current Capability
·
Low Leakage Current
APPLICATION
GENERAL DESCRIPTION
· Freewheeling, Snubber, Clamp
· Inversion Welder
· PFC
· Plating Power Supply
· Ultrasonic Cleaner and Welder
· Converter & Chopper
· UPS
PRODUCT FEATURE
FF60UP30DN using the lastest FRED FAB process(planar passivation chip) with ultrafast and soft recovery characteristic.
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/3
Rev.05
TO-3PB/TO-3PN
Internal Configuration
Cathode(Bottom Side Metal Heatsink)
Cathode
Anode
Base Backside
Anode


Similar Part No. - FF60UP30DN

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FF60UA60DN ISC-FF60UA60DN Datasheet
333Kb / 2P
   Fast Recovery Rectifier
More results

Similar Description - FF60UP30DN

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR6030PT THINKISEMI-MUR6030PT Datasheet
564Kb / 3P
   60.0 Ampere,300 Volt Common Cathode Fast Recovery Epitaxial Diode
STTH6003CW THINKISEMI-STTH6003CW Datasheet
558Kb / 3P
   60.0 Ampere,300 Volt Common Cathode Fast Recovery Epitaxial Diode
MM60FU030PC THINKISEMI-MM60FU030PC Datasheet
532Kb / 3P
   60.0 Ampere,300 Volt Common Cathode Fast Recovery Epitaxial Diode
MUR6020PT THINKISEMI-MUR6020PT Datasheet
885Kb / 3P
   60.0 Ampere,200 Volt Common Cathode Fast Recovery Epitaxial Diode
DSEK60-02A THINKISEMI-DSEK60-02A Datasheet
892Kb / 3P
   60.0 Ampere,200 Volt Common Cathode Fast Recovery Epitaxial Diode
F60UP20DN THINKISEMI-F60UP20DN Datasheet
795Kb / 3P
   60.0 Ampere,200 Volt Common Cathode Fast Recovery Epitaxial Diode
MM60F020PC THINKISEMI-MM60F020PC Datasheet
1Mb / 3P
   60.0 Ampere,200 Volt Common Cathode Fast Recovery Epitaxial Diode
F50UP30DN THINKISEMI-F50UP30DN Datasheet
536Kb / 3P
   50.0 Ampere,300 Volt Common Cathode Fast Recovery Epitaxial Diode
F80UP40DN THINKISEMI-F80UP40DN Datasheet
753Kb / 3P
   80 Ampere,400 Volt Common Cathode Fast Recovery Epitaxial Diode
MM80FU040PC THINKISEMI-MM80FU040PC Datasheet
769Kb / 3P
   80 Ampere,400 Volt Common Cathode Fast Recovery Epitaxial Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com