Electronic Components Datasheet Search |
|
EPC3168G-1 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC. |
|
EPC3168G-1 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC. |
|
1 / 1 page E L E C T R O N I C S I N C . Flyback Power Transformer TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 EPC3168G-X & EPC3168G-X-LF Product performance is limited to specified parameters. Data is subject to change without prior notice. Electrical Parameters @ 25° C Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25 CSC3168G-X & -LF Rev. 2 8/14/07 WC Voltage (Vdc) Primary OCL (µH ± 10%) 22 22 22 22 66 65 65 47 47 47 @ 10 KHz, 0.1 Vrms LM2587/88 LM2587/88 LM2587/88 LM2587/88 LM2585/86 LM2585/86 LM2585/86 LM2585/86 LM2585/86 LM2585/86 Chipset 4-6 4-6 8-16 4-6 18-36 4-6 18-36 4-6 4-6 8-16 V in Pin 2-3 3.3 5.0 12.0 12.0 5.0 12.0 12.0 3.3 5.0 12.0 V out 1 Current (Amp. Max.) PCA Part Number EPC3168G-1(-LF) EPC3168G-2(-LF) EPC3168G-5(-LF) EPC3168G-6(-LF) EPC3168G-7(-LF) N N N -12 12 -12 -12 N N N V out 2 N N N N -12 N N N N N V out 3 1.8 1.4 1.2 0.3 1.8 0.15 0.6 1.4 1.0 0.8 Sec. 1 N N N 0.3 0.25 0.15 0.6 N N N Sec. 2 N N N N 0.25 N N N N N Sec. 3 A A A B C B B A A A Schematic • Used in SMPS Flyback Topology • Add “-LF” after part number for Lead Free • Designed for use with National Semiconductor Chips LM2585 to LM2588 • UL94V-0 Recognized Components • UL1446 Class B Insulation System • Very Low Core Loss • LM2585/86/87 Switching Frequency : 100 KHz • LM2588 Switching Frequency : 200 KHz • • Storage Temperature : -40°C to +125°C • Operating Temperature : 0°C to +70°C • • Note : “N” means Not Required/No Connections • Isolation : 750 Vrms • T1 T1 T1 T2 T5 T6 T6 T7 T7 T7 Xfmr Code 1:1 1:1 1:1 1:2.5:2.5 1:.5:1.15:1.15 1:1.2:1.2 1:1.2:1.2 1:1 1:1 1:1 Turns Ratio Schematic B 3 2 Vin 8 9 11 10 Vout 1 Vout 2 Schematic C Vin 8 9 11 10 Vout 1 Vout 2 Vout 3 2 3 5 4 Schematic A Vin 11 10 Vout 1 2 3 Package 1.00 Max. (25.40) .750 Max. (19.05) .600 Max. (15.24) .870 (22.10) .150 (3.81) .100 (2.54) Top View 1 6 7 12 .100 x .059 (2.54 x 1.50) .670 (17.02) Notes : 1. Lead Finish 2. Peak Temperature Rating 3. Moisture Sensitive Levels 4. Weight 5. Packaging Information (Tube) MSL = 1 (Unlimited, ≤30°C/60%RH) EPC3168G-X-LF 245°C TBD grams TBD pieces/tube EPC3168G-X 225°C MSL = 1 (Unlimited, ≤30°C/60%RH) TBD grams TBD pieces/tube SnPb Hot Tin Dip (SnCu) |
Similar Part No. - EPC3168G-1 |
|
Similar Description - EPC3168G-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |