Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13003 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # MJE13003
Description  SWITCHMODE Series NPN Silicon Power Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MJE13003 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  MJE13003 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-126
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
700
V
Collector-Emitter Voltage
V
CEO
400
V
Emitter-Base Voltage
V
EBO
9
V
Collector Current
I
C
1.5
A
Base Current
I
B
0.75
A
Total Dissipation at
P
tot
40
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
MJE13003
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
ICEO
V
CB=400V, IE=0
1.0
mA
Emitter Cut-off Current
IEBO
V
EB=9V, IC=0
1.0
mA
Collector-Emitter Sustaining Voltage
VCEO
I
C=10mA, IB=0
400
V
DC Current Gain
hFE(1)
V
CE=2V, IC=0.5A
8
40
hFE(2)
V
CE=2V, IC=1.0A
5
25
Collector-Emitter Saturation Voltage
VCE(sat)
I
C=0.5A,IB=100mA
0.5
V
I
C=1A,IB=250mA
1.0
Base-Emitter Saturation Voltage
VBE(sat) I
C=1A,IB=250mA
1.2
V
Current Gain Bandwidth Product
fT
V
CE=10V,IC=100mA
4
10
MHz
Storage Time
TS
I
B1=IB2=0.2A tp=25us
2
4
us
SWITCHMODE Series NPN Silicon Power Transistors
Product specification
––
These devices are designed for high
voltage, high
speed power switching inductive circuits
where fall time is critical. They are particularly suited for 115 and 220 V SWITCHMODE such
as Switching Regulator
s, Inverters, Motor Controls,applications Solenoid/Relay drivers and
Deflection circuits.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
TIGER ELECTRONIC CO.,LTD


Similar Part No. - MJE13003

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
MJE13003 WINGS-MJE13003 Datasheet
27Kb / 1P
   NPN SILICON TRANSISTOR
logo
Unisonic Technologies
MJE13003 UTC-MJE13003 Datasheet
347Kb / 8P
   NPN SILICON POWER TRANSISTOR
logo
KEC(Korea Electronics)
MJE13003 KEC-MJE13003 Datasheet
381Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE AND HIGH SPEED SWITCHING)
logo
Micro Commercial Compon...
MJE13003 MCC-MJE13003 Datasheet
282Kb / 3P
   NPN Silicon Plastic-Encapsulate Transistor
logo
Unisonic Technologies
MJE13003 UTC-MJE13003 Datasheet
192Kb / 7P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - MJE13003

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
   SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
MJE8502 NJSEMI-MJE8502 Datasheet
92Kb / 2P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJ16010 NJSEMI-MJ16010 Datasheet
1Mb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
Boca Semiconductor Corp...
2N6546 BOCA-2N6546 Datasheet
217Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K_15 Datasheet
440Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-K UTC-MJE13009-K Datasheet
445Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-P UTC-MJE13009-P Datasheet
430Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-P UTC-MJE13009-P_15 Datasheet
424Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ8504 NJSEMI-MJ8504 Datasheet
95Kb / 2P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com