Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC3205G-1A Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPC3205G-1A
Description  Photoflash Flyback Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3205G-1A Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPC3205G-1A Datasheet HTML 1Page - PCA ELECTRONICS INC. EPC3205G-1A Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC3205G-X & -LF
Rev. 8
06/13/12 FT
E L E C T R O N I C S I N C .
Photoflash Flyback Transformer
EPC3205G-X & EPC3205G-X-LF
Package A
Pin 1 I.D.
0.138
Max.
(3.50)
Marking :
PCA
EPC3205G-2(-LF)
D.C.
0.383
(9.72)
0.238
(6.04)
Recommended
Layout
0.311
(7.90)
0.311
(7.90)
1
2
3
4
Package D
0.358
(9.10)
0.067
(1.70)
0.079
(2.00)
0.059
(1.50)
Pad
Layout
Side Marking :
PCA EPC3205G-7(-LF)
D.C.
0.236
(6.00)
0.319
Typ.
(8.10)
0.401
Typ.
(10.20)
Pin 1
I.D.
1
8
4
5
0.079
(2.00)
0.020
(0.50)
0.453
(11.50)
0.026
(0.65)
0°-8°
0.008
(0.20)
0.193
(4.90)
0.012
(0.30)
0.490
(12.45)
Package E
0.342
(8.70)
0.063
(1.60)
0.047
(1.20)
0.073
(1.85)
Pad
Layout
Side Marking :
3205G-5(-LF)
0.146
(3.70)
0.218
(5.54)
0.218
(5.54)
1
6
3
4
0.073
(1.85)
0.024
(0.60)
0.303
(7.70)
0°-8°
.205
(5.20)
Pin 1 I.D.
0.006
(0.15)
0.010
(0.25)
Side Marking
D.C.
PCA EPC
Package B
Pin 1 I.D.
0.205
Max.
(5.20)
Marking :
PCA
EPC3205G-6(-LF)
D.C.
0.422
(10.72)
0.277
(7.04)
Recommended
Layout
0.350
(8.90)
0.350
(8.90)
1
2
3
4
Package C
Pin 1 I.D.
0.193
Max.
(4.90)
Marking :
PCA
EPC3205G-8(-LF)
D.C.
0.383
(9.72)
0.238
(6.04)
Recommended
Layout
0.311
(7.90)
0.311
(7.90)
1
2
3
4


Similar Part No. - EPC3205G-1A

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3205G-1A-LF PCA-EPC3205G-1A-LF Datasheet
88Kb / 2P
   Photoflash Flyback Transformer
More results

Similar Description - EPC3205G-1A

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3225G-X PCA-EPC3225G-X_15 Datasheet
47Kb / 1P
   Photoflash Flyback Transformer
EPC3205G-X PCA-EPC3205G-X_12 Datasheet
88Kb / 2P
   Photoflash Flyback Transformer
EPC3205G-X PCA-EPC3205G-X Datasheet
74Kb / 1P
   Photoflash Flyback Transformer
EPC3225G-X PCA-EPC3225G-X Datasheet
43Kb / 1P
   Photoflash Flyback Transformer
logo
Pulse A Technitrol Comp...
PA0367ANLT PULSE-PA0367ANLT Datasheet
94Kb / 2P
   SMT FLYBACK TRANSFORMER FOR PHOTOFLASH CAPACITOR CHARGER
logo
PCA ELECTRONICS INC.
EPA3920 PCA-EPA3920 Datasheet
37Kb / 1P
   Flyback Transformer
logo
Coilcraft lnc.
FA2443-AL COILCRAFT-FA2443-AL Datasheet
134Kb / 1P
   Flyback Transformer
GA3502-BL COILCRAFT-GA3502-BL Datasheet
143Kb / 1P
   Flyback Transformer
logo
Rhombus Industries Inc.
T-1075 RHOMBUS-IND-T-1075 Datasheet
30Kb / 1P
   FLYBACK TRANSFORMER
T-1198 RHOMBUS-IND-T-1198 Datasheet
26Kb / 1P
   Flyback Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com