Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS164D Datasheet(PDF) 9 Page - Intersil Corporation

Part # HCS164D
Description  Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS164D Datasheet(HTML) 9 Page - Intersil Corporation

  HCS164D Datasheet HTML 1Page - Intersil Corporation HCS164D Datasheet HTML 2Page - Intersil Corporation HCS164D Datasheet HTML 3Page - Intersil Corporation HCS164D Datasheet HTML 4Page - Intersil Corporation HCS164D Datasheet HTML 5Page - Intersil Corporation HCS164D Datasheet HTML 6Page - Intersil Corporation HCS164D Datasheet HTML 7Page - Intersil Corporation HCS164D Datasheet HTML 8Page - Intersil Corporation HCS164D Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
238
HCS164MS
Die Characteristics
DIE DIMENSIONS:
95 x 94mils
METALLIZATION:
Type: AlSi
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
< 2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 mils x 4 mils
Metallization Mask Layout
HCS164MS
DS1
DS2
Q0 (3)
Q1 (4)
(5)
(6)
(7)
VCC
Q7
Q6
(11) Q5
(10) Q4
(9)
(8)
NC
NC
(2)
(1)
(14)
(13)
(12)
(MR)
CP
GND
Q3
Q2
Spec Number
518756


Similar Part No. - HCS164D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS164D INTERSIL-HCS164D Datasheet
223Kb / 9P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
logo
Renesas Technology Corp
HCS164D RENESAS-HCS164D Datasheet
431Kb / 9P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
logo
Intersil Corporation
HCS164DMSR INTERSIL-HCS164DMSR Datasheet
223Kb / 9P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
logo
Renesas Technology Corp
HCS164DMSR RENESAS-HCS164DMSR Datasheet
431Kb / 9P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
More results

Similar Description - HCS164D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS164MS INTERSIL-HCTS164MS Datasheet
223Kb / 9P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
logo
Renesas Technology Corp
HCS164MS RENESAS-HCS164MS Datasheet
431Kb / 9P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
HCTS164MS RENESAS-HCTS164MS Datasheet
442Kb / 8P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
August 1995
logo
Intersil Corporation
HCTS164MS INTERSIL-HCTS164MS_02 Datasheet
271Kb / 8P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Intersil Corporation
HCS166MS INTERSIL-HCS166MS Datasheet
227Kb / 9P
   Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Renesas Technology Corp
HCS166MS RENESAS-HCS166MS Datasheet
447Kb / 9P
   Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Fairchild Semiconductor
DM74LS164 FAIRCHILD-DM74LS164 Datasheet
61Kb / 5P
   8-Bit Serial In/Parallel Out Shift Register
74VHC164 FAIRCHILD-74VHC164 Datasheet
110Kb / 8P
   8-Bit Serial-In, Parallel-Out Shift Register
logo
Hitachi Semiconductor
HD74LV164A8 HITACHI-HD74LV164A8 Datasheet
68Kb / 16P
   8-bit Parallel-out Serial-in Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com