Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC3472G-LF Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC3472G-LF
Description  25W Flyback Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3472G-LF Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC3472G-LF_15 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
25W Flyback Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed to work with Linear Tech. LTC4278
• Bobbin : UL94V-0 Recognized Materials
• Storage Temperature : -40°C to +125°C
• Operating Temperature : -40°C to +85°C
• Class 130ºC Insulation System
• Duty Cycle : 62% Max.
• Switching Frequency : 250kHz
• Add “-LF” after part for Lead Free
EPC3472G & EPC3472G-LF
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC3472G & -LF
Rev.8 10-28-13 JDG
Dielectric Rating
(Vrms)
1500
Wdg. - Wdg.
Wdgs. - Core
0.25
Pri. w/ Aux. and Sec.
shorted
Leakage Inductance
(µH Max.)
@ 100 KHz,
1.0 Vrms
Inductance
(µH ± 5%)
@ 100 KHz,
1.0 Vrms
9.0
Pri.
DCR
(m
Ω Typ.)
13.5
Pri.
280
Aux.
2.6
Sec.
1:0.375
Pri.:Sec.
1:0.75
Pri.:Aux.
Turns
Ratio
Notes :
1. Lead Finish
2. Peak Solder Rating
(for wave solder process Only)
3. Weight
4. Packaging Information
(Tray)
EPC3472G
SnPb
225°C
13.5 grams
40 pcs / tray
EPC3472G-LF
Hot Tin Dip (Sn) or SnCu
260°C
13.5 grams
40 pcs / tray
Schematic
Package
0.830
(21.08)
7
6
1
12
0.028
(0.71)
0.875
(22.23)
0.118
(3.00)
0.866
(22.0)
0.150
(3.81)
0.118
(3.00)
0.080
(2.03)
Component Outline
1.20 x 0.840
(30.48 x 21.34)
PCB Layout
(Top View)
0.440 Max.
(11.18)
1.128
(28.65)
0.079
(2.01)
0.004
(0.10)
6
1
7
12
5
1
6
2
Pri.
9V to 57V
3
8
7
12
11
4
Aux.
10V (30mA)
Sec.
5V (5A)
Cw-w
(pF Typ.)
@ 100 KHz,
1.0 Vrms
95
Pri. to Aux. and Sec.


Similar Part No. - EPC3472G-LF_15

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3472G-LF PCA-EPC3472G-LF Datasheet
898Kb / 1P
   25W Flyback Transformer
EPC3472G-LF PCA-EPC3472G-LF Datasheet
154Kb / 1P
   Flyback Transformer StorageTemperature
More results

Similar Description - EPC3472G-LF_15

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3546G-LF PCA-EPC3546G-LF_15 Datasheet
396Kb / 1P
   25W Flyback Transformer
EPC3508GE-LF PCA-EPC3508GE-LF Datasheet
331Kb / 1P
   25W Flyback Transformer
EPC3472G PCA-EPC3472G Datasheet
898Kb / 1P
   25W Flyback Transformer
EPC3508GE-LF PCA-EPC3508GE-LF_15 Datasheet
331Kb / 1P
   25W Flyback Transformer
EPC3492G-LF PCA-EPC3492G-LF Datasheet
1Mb / 1P
   25W PoE Flyback Transformer
EPC3492G-LF PCA-EPC3492G-LF_12 Datasheet
422Kb / 1P
   25W PoE Applications Flyback Transformer
EPA3920 PCA-EPA3920 Datasheet
37Kb / 1P
   Flyback Transformer
logo
Coilcraft lnc.
FA2443-AL COILCRAFT-FA2443-AL Datasheet
134Kb / 1P
   Flyback Transformer
GA3502-BL COILCRAFT-GA3502-BL Datasheet
143Kb / 1P
   Flyback Transformer
logo
Rhombus Industries Inc.
T-1075 RHOMBUS-IND-T-1075 Datasheet
30Kb / 1P
   FLYBACK TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com