Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC3246-15 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC3246-15
Description  PFC Boost Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3246-15 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC3246-15 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPC3246-15 Datasheet HTML 2Page - PCA ELECTRONICS INC. EPC3246-15 Datasheet HTML 3Page - PCA ELECTRONICS INC. EPC3246-15 Datasheet HTML 4Page - PCA ELECTRONICS INC. EPC3246-15 Datasheet HTML 5Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
E L E C T R O N I C S I N C .
PFC Boost Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used as (PFC) Boost Inductor with Auxiliary Winding
• Isolation Between Shield and Winding : 4.5K Vrms
• All parts have Faraday Shield (except Toroid)
• Isolation Between Winding : 1500 Vrms
• UL 94V-0 Recognized Components
• UL 1446 Class B Insulation System
* Up to 100% Maximum Duty Cycle
• Very Large Gap Ferrite
EPC3246-XX
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC3246-XXa
Rev. 2
8/17/05 FT
Package A
.815
(20.70)
.552
Max.
(14.00)
.063
(1.60)
.197
(5.00)
.590
Typ.
(15.00)
PCA
EPC3246-1
D.C.
1
4
.197
(5.00)
.051 Ø
(1.30)
.590
(15.00)
.590
(15.00)
1
4
5
8
Electrical Specifications @ 25°C
Core
Shape
EE
EE
EE
EE
Toroid
Toroid
Toroid
Toroid
EE
EE
ER
ER
ER
ER
ETD
ETD
ETD
ETD
Avg.
Inductor
Current
(Amp.)
0.58
0.58
1.58
1.58
1.58
1.58
1.58
1.58
2.58
2.58
2.58
2.58
3.58
3.58
4.58
4.58
4.58
4.58
Part
Number
EPC3246-1
EPC3246-2
EPC3246-3
EPC3246-4
EPC3246-5
EPC3246-6
EPC3246-7
EPC3246-8
EPC3246-9
EPC3246-10
EPC3246-11
EPC3246-12
EPC3246-13
EPC3246-14
EPC3246-15
EPC3246-16
EPC3246-17
EPC3246-18
Peak
Inductor
Current
(Amp.)
1.16
1.16
3.16
3.16
3.16
3.16
3.16
3.16
5.15
5.15
5.15
5.15
7.15
7.15
9.15
9.15
9.15
9.15
Inductance
(µH ± 10%)
@ 100 KHz,
0.1 Vrms
2000
2000
2000
2000
1000
2000
1000
2000
500
1000
500
1000
500
1000
1000
500
1000
500
A
B
C
D
E
E
F
F
G
G
H
H
I
I
J
J
K
K
Package
Drawing
Max.
Power
(Watts)
70
70
190
190
190
190
190
190
310
310
310
310
430
430
550
550
550
550
200
200
100
100
200
100
200
100
100
100
100
100
100
100
50
100
50
100
Switching
Frequency
(KHz Min.)
Horizontal
Vertical
Horizontal
Vertical
Horizontal
Horizontal
Vertical
Vertical
Horizontal
Horizontal
Vertical
Vertical
Vertical
Vertical
Horizontal
Horizontal
Vertical
Vertical
Package
Type
1
2
3
4
5
5
5
5
6
6
3
3
6
6
7
7
7
7
Schematic
1900
1900
3800
3800
1900
3800
1900
3800
3800
3800
3800
3800
3800
3800
7600
3800
7600
3800
Vt
(Volt µSec.
Max.)
.787
(20.00)
.590
Typ.
(15.00)
.728
Max.
(18.50)
.138
(3.50)
.031 Ø
(.800)
385 Vdc V Out
(90% Duty Cycle)
{85-265 Vac Input}
Schematic 1
1
3
5
Shield
8
7
20V (.15A)
1:0.052
Simplified Active PFC Boost Circuit
V Out
PFC Boost Inductor
Auxiliary Wdg
(Bootstrap Supply)
Vac
PFC
Controller


Similar Part No. - EPC3246-15

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3246-15 PCA-EPC3246-15 Datasheet
125Kb / 5P
   PFC Boost Inductor
More results

Similar Description - EPC3246-15

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3245-XX PCA-EPC3245-XX Datasheet
113Kb / 5P
   PFC Boost Inductor
EPC3246-XX PCA-EPC3246-XX Datasheet
125Kb / 5P
   PFC Boost Inductor
logo
Coilcraft lnc.
FA2890-AL COILCRAFT-FA2890-AL Datasheet
144Kb / 1P
   PFC Boost Inductor
FA2890 COILCRAFT-FA2890_13 Datasheet
180Kb / 1P
   PFC Boost Inductor
logo
Cooper Bussmann, Inc.
CTX16-17309 COOPER-CTX16-17309 Datasheet
200Kb / 1P
   INDUCTOR, BOOST PFC
CTX16-17769-R COOPER-CTX16-17769-R Datasheet
219Kb / 1P
   INDUCTOR, BOOST PFC
logo
Coilcraft lnc.
JA4224 COILCRAFT-JA4224 Datasheet
150Kb / 1P
   PFC Boost Inductor
JA4224-AL COILCRAFT-JA4224-AL Datasheet
163Kb / 1P
   PFC Boost Inductor
GA2972-ALD COILCRAFT-GA2972-ALD Datasheet
150Kb / 2P
   SMT PFC Boost Inductor
logo
XFMRS Inc.
XF3306-VO XFMRS-XF3306-VO Datasheet
36Kb / 1P
   330UF PFC BOOST INDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com