Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9410 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9410
Description  10-Bit, 210 MSPS ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410 Datasheet(HTML) 5 Page - Analog Devices

  AD9410_15 Datasheet HTML 1Page - Analog Devices AD9410_15 Datasheet HTML 2Page - Analog Devices AD9410_15 Datasheet HTML 3Page - Analog Devices AD9410_15 Datasheet HTML 4Page - Analog Devices AD9410_15 Datasheet HTML 5Page - Analog Devices AD9410_15 Datasheet HTML 6Page - Analog Devices AD9410_15 Datasheet HTML 7Page - Analog Devices AD9410_15 Datasheet HTML 8Page - Analog Devices AD9410_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD9410
Rev. A | Page 5 of 20
AC SPECIFICATIONS
VDD = 3.3 V, VD = 3.3 V, VCC = 5.0 V; 2.5 V external reference; AIN = −0.5 dBFS; clock input = 210 MSPS; TA = 25°C; unless otherwise noted.
Table 4.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Transient Response
25°C
V
2
ns
Overvoltage Recovery Time
25°C
V
2
ns
Signal-to-Noise Ratio, SNR (Without Harmonics)
fIN = 10.3 MHz
25°C
I
52.5
55
dB
fIN = 82 MHz
25°C
I
52
54
dB
fIN = 160 MHz
25°C
V
53
dB
Signal-to-Noise Ratio, SINAD (With Harmonics)
fIN = 10.3 MHz
25°C
I
51
54
dB
fIN = 82 MHz
25°C
I
50
53
dB
fIN = 160 MHz
25°C
V
52
dB
Effective Number of Bits, ENOB
fIN = 10.3 MHz
25°C
I
8.3
8.8
Bits
fIN = 82 MHz
25°C
I
8.1
8.6
Bits
fIN = 160 MHz
25°C
V
8.4
Bits
Second Harmonic Distortion
fIN = 10.3 MHz
25°C
I
−56
−65
dBc
fIN = 82 MHz
25°C
I
−55
−63
dBc
fIN = 160 MHz
25°C
V
−65
dBc
Third Harmonic Distortion
fIN = 10.3 MHz
25°C
I
−58
−69
dBc
fIN = 82 MHz
25°C
I
−57
−67
dBc
fIN = 160 MHz
25°C
V
−62
dBc
Spurious-Free Dynamic Range, SFDR
fIN = 10.3 MHz
25°C
I
56
61
dBc
fIN = 82 MHz
25°C
I
54
60
dBc
fIN = 160 MHz
25°C
V
58
dBc
Two-Tone Intermod Distortion, IMD1
fIN1 = 80.3 MHz, fIN2 = 81.3 MHz
25°C
V
58
dBFS
1 IN1, IN2 level = −7 dBFS.


Similar Part No. - AD9410_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9410 AD-AD9410_17 Datasheet
386Kb / 21P
   10-Bit 210 MSPS ADC
More results

Similar Description - AD9410_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9410 AD-AD9410_17 Datasheet
386Kb / 21P
   10-Bit 210 MSPS ADC
AD9410 AD-AD9410 Datasheet
315Kb / 20P
   10-Bit, 210 MSPS A/D Converter
REV. 0
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
   Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
logo
Texas Instruments
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
Analog Devices
AD9740 AD-AD9740_15 Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9634 AD-AD9634 Datasheet
1Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com