Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9433 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9433_15 Datasheet HTML 5Page - Analog Devices AD9433_15 Datasheet HTML 6Page - Analog Devices AD9433_15 Datasheet HTML 7Page - Analog Devices AD9433_15 Datasheet HTML 8Page - Analog Devices AD9433_15 Datasheet HTML 9Page - Analog Devices AD9433_15 Datasheet HTML 10Page - Analog Devices AD9433_15 Datasheet HTML 11Page - Analog Devices AD9433_15 Datasheet HTML 12Page - Analog Devices AD9433_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD9433
Rev. A | Page 9 of
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
7.5
15.0
22.5
30.0
37.5
45.0
52.5
20
FREQUENCY (MHz)
IMD3 = 92dBFS
Figure 10. FFT: fS = 105 MSPS, fIN = 49.3 MHz and 50.3 MHz,
Differential AIN @ −7 dBFS for Each Tone, SFDR Mode Enabled
110
100
90
80
70
60
50
40
30
20
10
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AIN LEVEL (dBFS)
SFDR (dBFS)
90dBFS
REFERENCE
SNR (dBFS)
SFDR (dBc)
Figure 11. SNR and SFDR vs. AIN Level, fS = 105 MSPS, fIN = 49.3 MHz,
Differential AIN, SFDR Mode Enabled
110
100
90
80
70
60
50
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AIN LEVEL (dBFS)
Figure 12. Third-Order IMD vs. AIN Level, fS = 105 MSPS, fIN = 49.3 MHz
and 50.3 MHz, Differential AIN, SFDR Mode Enabled
69
67
65
63
61
59
57
55
10.3
49.3
80.3
170.3
250.3
AIN (MHz)
8.9
9.6
9.9
10.3
10.6
10.9
11.3
9.3
SNR
SINAD
Figure 13. SNR/SINAD and ENOB vs. AIN Frequency, Differential AIN @ −0.5 dBFS,
fS = 125 MSPS, SFDR Mode Enabled
100
90
80
70
60
50
40
30
20
10
0
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
AIN COMMON-MODE VOLTAGE (V)
THIRD HARMONIC
SECOND HARMONIC
SNR
Figure 14. Dynamic Performance vs. AIN Common-Mode Voltage,
Differential AIN @ −0.5 dBFS, fIN = 49.3 MHz, fS = 105 MSPS
69
68
67
66
65
64
63
62
61
60
–40°C
+25°C
+85°C
10.3
49.3
80.3
170.3
250.3
AIN (MHz)
Figure 15. SNR vs. AIN Frequency over Temperature, fS = 105 MSPS,
Differential AIN, SFDR Mode Disabled


Similar Part No. - AD9433_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9433 AD-AD9433_17 Datasheet
433Kb / 21P
   IF Sampling ADC
More results

Similar Description - AD9433_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9445 AD-AD9445_17 Datasheet
797Kb / 41P
   14-Bit, 105/125 MSPS, IF Sampling ADC
AD9445 AD-AD9445_15 Datasheet
972Kb / 40P
   14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9445 AD-AD9445 Datasheet
965Kb / 40P
   14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD10200 AD-AD10200_15 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling
REV. A
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com