Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9461 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9461
Description  16-Bit, 130 MSPS IF Sampling ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9461 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9461_15 Datasheet HTML 4Page - Analog Devices AD9461_15 Datasheet HTML 5Page - Analog Devices AD9461_15 Datasheet HTML 6Page - Analog Devices AD9461_15 Datasheet HTML 7Page - Analog Devices AD9461_15 Datasheet HTML 8Page - Analog Devices AD9461_15 Datasheet HTML 9Page - Analog Devices AD9461_15 Datasheet HTML 10Page - Analog Devices AD9461_15 Datasheet HTML 11Page - Analog Devices AD9461_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD9461
Rev. 0 | Page 8 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
74
D10+
73
D10–
72
D9+
69
D8–
70
D8+
71
D9–
75
DRGND
68
DCO+
67
DCO–
66
D7+
64
DRVDD
63
DRGND
62
D6+
61
D6–
60
D5+
59
D5–
58
D4+
57
D4–
56
D3+
55
D3–
54
D2+
53
D2–
52
D1+
51
D1–
65
D7–
PIN 1
DNC = DO NOT CONNECT
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
2
DNC
3
OUTPUT MODE
4
DFS
7
SENSE
6
AVDD1
5
LVDS_BIAS
1
DCS MODE
8
VREF
9
AGND
10
REFT
12
AVDD2
13
AVDD2
14
AVDD2
15
AVDD2
16
AVDD2
17
AVDD2
18
AVDD1
19
AVDD1
20
AVDD1
21
AGND
22
VIN+
23
VIN–
24
AGND
25
AVDD2
11
REFB
AD9461
LVDS MODE
TOP VIEW
(Not to Scale)
Figure 4. 100-Lead TQFP_EP Pin Configuration in LVDS Mode
Table 7. Pin Function Descriptions—100-Lead TQFP_EP in LVDS Mode
Pin No.
Mnemonic
Description
1
DCS MODE
Clock Duty Cycle Stabilizer (DCS) Control Pin. CMOS compatible.
DCS = low (AGND) to enable DCS (recommended).
DCS = high (AVDD1) to disable DCS.
2
DNC
Do Not Connect. This pin should float.
3
OUTPUT MODE
CMOS-Compatible Output Logic Mode Control Pin.
OUTPUT MODE = 0 for CMOS mode.
OUTPUT MODE = 1 (AVDD1) for LVDS outputs.
4
DFS
Data Format Select Pin. CMOS control pin that determines the format of the output data.
DFS = high (AVDD1) for twos complement.
DFS = low (ground) for offset binary format.
5
LVDS_BIAS
Set Pin for LVDS Output Current. Place 3.7 kΩ resistor terminated to DRGND.
6, 18 to 20, 32 to 34, 36,
38, 43 to 45, 92 to 97
AVDD1
3.3 V (±5%) Analog Supply.
7
SENSE
Reference Mode Selection. Connect to AGND for internal 1.7 V reference (3.4 V p-p analog
input range); connect to AVDD1 for external reference.
8
VREF
1.7 V Reference I/O. The function is dependent on the SENSE pin and external programming
resistors. Decouple to ground with 0.1 μF and 10 μF capacitors.
9, 21, 24, 39, 42, 46, 91, 98,
99, Exposed Heat Sink
AGND
Analog Ground. The exposed heat sink on the bottom of the package must be connected to
AGND.


Similar Part No. - AD9461_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9461-130EB-BB AD-AD9461-130EB-BB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9461-130EB-IF AD-AD9461-130EB-IF Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9461 AD-AD9461_17 Datasheet
703Kb / 29P
   16-Bit, 130 MSPS IF Sampling ADC
More results

Similar Description - AD9461_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9461 AD-AD9461_17 Datasheet
703Kb / 29P
   16-Bit, 130 MSPS IF Sampling ADC
AD9461 AD-AD9461 Datasheet
820Kb / 28P
   16-Bit, 130 MSPS IF Sampling ADC
REV. 0
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9445 AD-AD9445_17 Datasheet
797Kb / 41P
   14-Bit, 105/125 MSPS, IF Sampling ADC
AD9445 AD-AD9445 Datasheet
965Kb / 40P
   14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9445 AD-AD9445_15 Datasheet
972Kb / 40P
   14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
logo
Maxim Integrated Produc...
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
   65Msps, 12-Bit, IF Sampling ADC
2004
logo
Analog Devices
AD9433 AD-AD9433_17 Datasheet
433Kb / 21P
   IF Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com