Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9461 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9461
Description  16-Bit, 130 MSPS IF Sampling ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9461 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9461_15 Datasheet HTML 5Page - Analog Devices AD9461_15 Datasheet HTML 6Page - Analog Devices AD9461_15 Datasheet HTML 7Page - Analog Devices AD9461_15 Datasheet HTML 8Page - Analog Devices AD9461_15 Datasheet HTML 9Page - Analog Devices AD9461_15 Datasheet HTML 10Page - Analog Devices AD9461_15 Datasheet HTML 11Page - Analog Devices AD9461_15 Datasheet HTML 12Page - Analog Devices AD9461_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD9461
Rev. 0 | Page 9 of 28
Pin No.
Mnemonic
Description
10
REFT
Differential Reference Output. Decoupled to ground with 0.1 μF capacitor and to REFB
(Pin 11) with 0.1 μF and 10 μF capacitors.
11
REFB
Differential Reference Output. Decoupled to ground with a 0.1 μF capacitor and to REFT
(Pin 10) with 0.1 μF and 10 μF capacitors.
12 to 17, 25 to 31, 35, 37
AVDD2
5.0 V Analog Supply (±5%).
22
VIN+
Analog Input—True.
23
VIN−
Analog Input—Complement.
40
CLK+
Clock Input—True.
41
CLK−
Clock Input—Complement.
47, 63, 75, 87
DRGND
Digital Output Ground.
48, 64, 76, 88
DRVDD
3.3 V Digital Output Supply (3.0 V to 3.6 V).
49
D0− (LSB)
D0 Complement Output Bit (LVDS Levels).
50
D0+
D0 True Output Bit.
51
D1−
D1 Complement Output Bit.
52
D1+
D1 True Output Bit.
53
D2−
D2 Complement Output Bit.
54
D2+
D2 True Output Bit.
55
D3−
D3 Complement Output Bit.
56
D3+
D3 True Output Bit.
57
D4−
D4 Complement Output Bit.
58
D4+
D4 True Output Bit.
59
D5−
D5 Complement Output Bit.
60
D5+
D5 True Output Bit.
61
D6−
D6 Complement Output Bit.
62
D6+
D6 True Output Bit.
65
D7−
D7 Complement Output Bit.
66
D7+
D7 True Output Bit.
67
DCO−
Data Clock Output—Complement.
68
DCO+
Data Clock Output—True.
69
D8−
D8 Complement Output Bit.
70
D8+
D8 True Output Bit.
71
D9−
D9 Complement Output Bit.
72
D9+
D9 True Output Bit.
73
D10−
D10 Complement Output Bit.
74
D10+
D10 True Output Bit.
77
D11−
D11 Complement Output Bit.
78
D11+
D11 True Output Bit.
79
D12−
D12 Complement Output Bit.
80
D12+
D12 True Output Bit.
81
D13−
D13 Complement Output Bit.
82
D13+
D13 True Output Bit.
83
D14−
D14 Complement Output Bit.
84
D14+
D14 True Output Bit.
85
D15−
D15 Complement Output Bit.
86
D15+ (MSB)
D15 True Output Bit.
89
OR−
Out-of-Range Complement Output Bit.
90
OR+
Out-of-Range True Output Bit.
100
SFDR
SFDR Control Pin. CMOS-compatible control pin for optimizing the configuration of the
AD9461 analog front end. Connecting SFDR to AGND optimizes SFDR performance for
applications with analog input frequencies <40 MHz or >215 MHz. For applications with
analog inputs from 40 MHz to 215 MHz, connect this pin to AVDD1 for optimum SFDR
performance; power dissipation from AVDD2 decreases by ~40 mW.


Similar Part No. - AD9461_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9461-130EB-BB AD-AD9461-130EB-BB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9461-130EB-IF AD-AD9461-130EB-IF Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9461 AD-AD9461_17 Datasheet
703Kb / 29P
   16-Bit, 130 MSPS IF Sampling ADC
More results

Similar Description - AD9461_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9461 AD-AD9461_17 Datasheet
703Kb / 29P
   16-Bit, 130 MSPS IF Sampling ADC
AD9461 AD-AD9461 Datasheet
820Kb / 28P
   16-Bit, 130 MSPS IF Sampling ADC
REV. 0
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9445 AD-AD9445_17 Datasheet
797Kb / 41P
   14-Bit, 105/125 MSPS, IF Sampling ADC
AD9445 AD-AD9445 Datasheet
965Kb / 40P
   14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9445 AD-AD9445_15 Datasheet
972Kb / 40P
   14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
logo
Maxim Integrated Produc...
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
   65Msps, 12-Bit, IF Sampling ADC
2004
logo
Analog Devices
AD9433 AD-AD9433_17 Datasheet
433Kb / 21P
   IF Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com