Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9510 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 3 Page - Analog Devices

  AD9510_15 Datasheet HTML 1Page - Analog Devices AD9510_15 Datasheet HTML 2Page - Analog Devices AD9510_15 Datasheet HTML 3Page - Analog Devices AD9510_15 Datasheet HTML 4Page - Analog Devices AD9510_15 Datasheet HTML 5Page - Analog Devices AD9510_15 Datasheet HTML 6Page - Analog Devices AD9510_15 Datasheet HTML 7Page - Analog Devices AD9510_15 Datasheet HTML 8Page - Analog Devices AD9510_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
Data Sheet
AD9510
Rev. B | Page 3 of 56
5/05—Rev. 0 to Rev. A
Changes to Features ..........................................................................1
Changes to Table 1 and Table 2 .......................................................5
Changes to Table 4 ............................................................................8
Changes to Table 5 ............................................................................9
Changes to Table 6 ..........................................................................14
Changes to Table 8 and Table 9 .....................................................15
Changes to Table 11 ........................................................................16
Changes to Table 13 ........................................................................20
Changes to Figure 7 and Figure 10 ...............................................22
Changes to Figure 19 to Figure 23 ................................................24
Changes to Figure 30 and Figure 31 .............................................26
Changes to Figure 32 ......................................................................27
Changes to Figure 33 ......................................................................28
Changes to VCO/VCXO Clock Input—CLK2 Section..............29
Changes to A and B Counters Section .........................................30
Changes to PLL Digital Lock Detect Section ..............................31
Changes to PLL Analog Lock Detect Section..............................32
Changes to Loss of Reference Section ..........................................32
Changes to FUNCTION Pin Section ...........................................33
Changes to RESETB: 58h<6:5> = 00b (Default) Section ...........33
Changes to SYNCB: 58h<6:5> = 01b Section..............................33
Changes to CLK1 and CLK2 Clock Inputs Section....................33
Changes to Calculating the Delay Section...................................38
Changes to Soft Reset via the Serial Port Section.......................41
Changes to Multichip Synchronization Section..........................41
Changes to Serial Control Port Section .......................................42
Changes to Serial Control Port Pin Descriptions Section .........42
Changes to General Operation of Serial
Control Port Section.......................................................................42
Added Framing a Communication Cycle with CSB Section ....42
Added Communication Cycle—Instruction Plus
Data Section.....................................................................................42
Changes to Write Section...............................................................42
Changes to Read Section................................................................42
Changes to The Instruction Word (16 Bits) Section ..................43
Changes to Table 20 ........................................................................43
Changes to MSB/LSB First Transfers Section .............................43
Changes to Table 21 ........................................................................44
Added Figure 52; Renumbered Sequentially...............................45
Changes to Table 23 ........................................................................46
Changes to Table 24 ........................................................................49
Changes to Using the AD9510 Outputs for ADC Clock
Applications .....................................................................................57
4/05—Revision 0: Initial Version


Similar Part No. - AD9510_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9510 AD-AD9510_16 Datasheet
1Mb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
More results

Similar Description - AD9510_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9510 AD-AD9510_16 Datasheet
1Mb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
AD9510 AD-AD9510 Datasheet
597Kb / 60P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
REV. A
AD9511 AD-AD9511_15 Datasheet
1Mb / 60P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
REV. A
AD9511 AD-AD9511 Datasheet
1Mb / 60P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
REV. A
AD9512BCPZ AD-AD9512BCPZ Datasheet
967Kb / 48P
   1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
REV. A
AD9514 AD-AD9514 Datasheet
633Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9515 AD-AD9515 Datasheet
656Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
REV. 0
AD9514 AD-AD9514_15 Datasheet
634Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9515 AD-AD9515_V01 Datasheet
407Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
Rev. B
AD9515 AD-AD9515_15 Datasheet
469Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com