Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1678GV Datasheet(PDF) 6 Page - NEC

Part # UPC1678GV
Description  5 V-BIAS, 7.5 dBm OUTPUT, 2.0 GHz WIDEBAND Si MMIC AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1678GV Datasheet(HTML) 6 Page - NEC

Back Button UPC1678GV Datasheet HTML 2Page - NEC UPC1678GV Datasheet HTML 3Page - NEC UPC1678GV Datasheet HTML 4Page - NEC UPC1678GV Datasheet HTML 5Page - NEC UPC1678GV Datasheet HTML 6Page - NEC UPC1678GV Datasheet HTML 7Page - NEC UPC1678GV Datasheet HTML 8Page - NEC UPC1678GV Datasheet HTML 9Page - NEC UPC1678GV Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet P11491EJ4V0DS00
6
µµµµPC1678G
ILLUSTRATION OF THE TEST CIRCUIT ASSEMBLED ON EVALUATION BOARD
IN
OUT
Vcc
PC1678G/79G
µ
1
C1
C2
C3
L
1
2
3
4
8
Top View
Mounting Direction
7
6
5
For more information on the use of this IC, refer to the following application note: USAGE AND APPLICATION OF
SILICON MEDIUM-POWER HIGH-FREQUENCY AMPLIFIER MMIC (P12152E).
Notes
1.
50
× 50 × 0.4 mm double sided copper clad polyimide board.
2.
Back side: GND pattern
3.
Solder plated on pattern
4.
: Through holes
COMPONENT LIST
Value
C1 to C3
1 800 pF
L
300 nH


Similar Part No. - UPC1678GV

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC1678GV CEL-UPC1678GV Datasheet
340Kb / 7P
   2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
Renesas Technology Corp
UPC1678GV RENESAS-UPC1678GV Datasheet
461Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
logo
NEC
UPC1678GV-E1 NEC-UPC1678GV-E1 Datasheet
126Kb / 6P
   2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
California Eastern Labs
UPC1678GV-E1 CEL-UPC1678GV-E1 Datasheet
340Kb / 7P
   2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
Renesas Technology Corp
UPC1678GV-E1 RENESAS-UPC1678GV-E1 Datasheet
461Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results

Similar Description - UPC1678GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1679G NEC-UPC1679G Datasheet
73Kb / 12P
   5 V-BIAS, 5.5 dBm OUTPUT, 1.8 GHz WIDEBAND Si MMIC AMPLIFIER
UPC2745T NEC-UPC2745T Datasheet
115Kb / 5P
   3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
logo
List of Unclassifed Man...
TA075-180-24-12 ETC-TA075-180-24-12 Datasheet
28Kb / 2P
   7.5 - 18 GHz 12 dBm Amplifier
logo
Transcom, Inc.
TA075-180-24-12 TRANSCOM-TA075-180-24-12 Datasheet
125Kb / 2P
   7.5 - 18 GHz 12 dBm Amplifier
logo
NEC
UPC3224TB NEC-UPC3224TB Datasheet
91Kb / 15P
   5 V, SILICON MMIC WIDEBAND AMPLIFIER
logo
Renesas Technology Corp
PC3224TB RENESAS-PC3224TB_15 Datasheet
224Kb / 17P
   5 V, SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2746T-E3 NEC-UPC2746T-E3 Datasheet
121Kb / 5P
   3 V, 1500 MHz Si MMIC WIDEBAND AMPLIFIER
UPC2762T NEC-UPC2762T Datasheet
144Kb / 6P
   3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER
UPC3227TB NEC-UPC3227TB Datasheet
115Kb / 14P
   5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER
logo
Transcom, Inc.
TA010-020-15-15 TRANSCOM-TA010-020-15-15 Datasheet
17Kb / 1P
   1.0 - 2.0 GHz 15 dBm Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com