Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1679G-E2 Datasheet(PDF) 10 Page - NEC

Part # UPC1679G-E2
Description  5 V-BIAS, 5.5 dBm OUTPUT, 1.8 GHz WIDEBAND Si MMIC AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1679G-E2 Datasheet(HTML) 10 Page - NEC

Back Button UPC1679G-E2 Datasheet HTML 4Page - NEC UPC1679G-E2 Datasheet HTML 5Page - NEC UPC1679G-E2 Datasheet HTML 6Page - NEC UPC1679G-E2 Datasheet HTML 7Page - NEC UPC1679G-E2 Datasheet HTML 8Page - NEC UPC1679G-E2 Datasheet HTML 9Page - NEC UPC1679G-E2 Datasheet HTML 10Page - NEC UPC1679G-E2 Datasheet HTML 11Page - NEC UPC1679G-E2 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet P12434EJ4V0DS00
10
µµµµPC1679G
[MEMO]


Similar Part No. - UPC1679G-E2

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1675G NEC-UPC1675G Datasheet
42Kb / 8P
   GENERAL PURPOSE WIDE BNAD AMPLIFIER
logo
Renesas Technology Corp
UPC1675G RENESAS-UPC1675G Datasheet
203Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1989
logo
NEC
UPC1676B NEC-UPC1676B Datasheet
70Kb / 5P
   1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
UPC1676G NEC-UPC1676G Datasheet
42Kb / 8P
   GENERAL PURPOSE WIDE BNAD AMPLIFIER
UPC1676G NEC-UPC1676G Datasheet
70Kb / 5P
   1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
More results

Similar Description - UPC1679G-E2

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1678G NEC-UPC1678G Datasheet
94Kb / 16P
   5 V-BIAS, 7.5 dBm OUTPUT, 2.0 GHz WIDEBAND Si MMIC AMPLIFIER
UPC2745T NEC-UPC2745T Datasheet
115Kb / 5P
   3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
logo
Transcom, Inc.
TA008-055-20-24 TRANSCOM-TA008-055-20-24 Datasheet
30Kb / 1P
   0.8 - 5.5 GHz 25 dBm Amplifier
logo
NEC
UPC3224TB NEC-UPC3224TB Datasheet
91Kb / 15P
   5 V, SILICON MMIC WIDEBAND AMPLIFIER
logo
Renesas Technology Corp
PC3224TB RENESAS-PC3224TB_15 Datasheet
224Kb / 17P
   5 V, SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2746T-E3 NEC-UPC2746T-E3 Datasheet
121Kb / 5P
   3 V, 1500 MHz Si MMIC WIDEBAND AMPLIFIER
UPC2762T NEC-UPC2762T Datasheet
144Kb / 6P
   3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER
UPC3227TB NEC-UPC3227TB Datasheet
115Kb / 14P
   5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2708TB CEL-UPC2708TB Datasheet
211Kb / 8P
   5 V, SUPER MINIMOLD WIDEBAND SI RFIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC587LC4B HITTITE-HMC587LC4B_10 Datasheet
156Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com