Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1686G Datasheet(PDF) 8 Page - NEC

Part # UPC1686G
Description  GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1686G Datasheet(HTML) 8 Page - NEC

Back Button UPC1686G Datasheet HTML 4Page - NEC UPC1686G Datasheet HTML 5Page - NEC UPC1686G Datasheet HTML 6Page - NEC UPC1686G Datasheet HTML 7Page - NEC UPC1686G Datasheet HTML 8Page - NEC UPC1686G Datasheet HTML 9Page - NEC UPC1686G Datasheet HTML 10Page - NEC UPC1686G Datasheet HTML 11Page - NEC UPC1686G Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet P11100EJ4V0DS00
8
µµµµPC1686G/GV
–40
0
+20
–40
0
+30
Pout
IM3
VCC = 5 V
fIF = 50 MHZ
fRF = 440 MHZ
POSC = –5 dBm
Input Power Pin (dBm)
0
500
1 000
1 200
–300
0
+300
VCC –10 %
VCC +10 %
VCC –10 %
VCC –10 %
VCC
±10 %
OSC-FREQUENCY STABILITY vs. OSC-FREQUENCY
Oscillation Frequency fOSC (MHz)
OUTPUT POWER vs. INPUT POWER


Similar Part No. - UPC1686G

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC1686GV CEL-UPC1686GV Datasheet
198Kb / 8P
   900 MHz SILICON MMIC DOWN CONVERTER
UPC1686GV-E1-A CEL-UPC1686GV-E1-A Datasheet
198Kb / 8P
   900 MHz SILICON MMIC DOWN CONVERTER
More results

Similar Description - UPC1686G

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1687G NEC-UPC1687G Datasheet
81Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
UPC1685G NEC-UPC1685G Datasheet
80Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
UPC1694GR NEC-UPC1694GR Datasheet
138Kb / 20P
   GENERAL PURPOSE HIGH FREQUENCY WIDEBAND IC FOR FREQUENCY DOWN-CONVERTER
UPC2795GV NEC-UPC2795GV Datasheet
133Kb / 12P
   GENERAL PURPOSE L-BAND DOWN CONVERTER
logo
Sanyo Semicon Device
LA8153LF SANYO-LA8153LF Datasheet
176Kb / 7P
   Down Converter IC
logo
ON Semiconductor
LA8153QA ONSEMI-LA8153QA Datasheet
132Kb / 7P
   Down Converter IC
February, 2014
logo
NEC
UPC2721 NEC-UPC2721 Datasheet
90Kb / 12P
   GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
logo
Sony Corporation
CXA3355ER SONY-CXA3355ER Datasheet
295Kb / 28P
   GPS Down Converter IC
CXA3355TQ SONY-CXA3355TQ Datasheet
258Kb / 21P
   GPS Down Converter IC
CXA3355AER SONY-CXA3355AER Datasheet
410Kb / 29P
   GPS Down Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com