Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS253D Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCS253D
Description  Radiation Hardened Dual 4-Input Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS253D Datasheet(HTML) 4 Page - Intersil Corporation

  HCS253D Datasheet HTML 1Page - Intersil Corporation HCS253D Datasheet HTML 2Page - Intersil Corporation HCS253D Datasheet HTML 3Page - Intersil Corporation HCS253D Datasheet HTML 4Page - Intersil Corporation HCS253D Datasheet HTML 5Page - Intersil Corporation HCS253D Datasheet HTML 6Page - Intersil Corporation HCS253D Datasheet HTML 7Page - Intersil Corporation HCS253D Datasheet HTML 8Page - Intersil Corporation HCS253D Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Specifications HCS253MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Select to Output
TPHL
TPLH
VCC = 4.5V
9
+25oC
2
26
ns
10, 11
+125oC, -55oC
2
31
ns
Data to Output
TPHL
VCC = 4.5V
9
+25oC
2
19
ns
10, 11
+125oC, -55oC
2
22
ns
TPLH
VCC = 4.5V
9
+25oC
2
21
ns
10, 11
+125oC, -55oC
2
24
ns
Enable to Output
TPZH
VCC = 4.5V
9
+25oC
2
17
ns
10, 11
+125oC, -55oC
2
20
ns
TPZL
VCC = 4.5V
9
+25oC
2
15
ns
10, 11
+125oC, -55oC
2
17
ns
Disable to Output
TPHZ
VCC = 4.5V
9
+25oC
2
18
ns
10, 11
+125oC, -55oC
2
19
ns
TPLZ
VCC = 4.5V
9
+25oC
2
16
ns
10, 11
+125oC, -55oC
2
17
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power Dissipation
CPD
VCC = 5.0V, f = 1MHz
+25oC
-
45
pF
+125oC, -55oC
-
56
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
+25oC
-
10
pF
+125oC, -55oC
-
10
pF
Output Transition Time
TTHL
TTLH
VCC = 4.5V
+25oC
-
12
ns
+125oC, -55oC
-
18
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics..
Spec Number
518765


Similar Part No. - HCS253D

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HCS2512 SEI-HCS2512 Datasheet
625Kb / 11P
   High Current Metal Element Shunt Resistor
5/12/2022
HCS2512FT1L00 SEI-HCS2512FT1L00 Datasheet
625Kb / 11P
   High Current Metal Element Shunt Resistor
5/12/2022
HCS2512FTL300 SEI-HCS2512FTL300 Datasheet
625Kb / 11P
   High Current Metal Element Shunt Resistor
5/12/2022
HCS2512FTL500 SEI-HCS2512FTL500 Datasheet
625Kb / 11P
   High Current Metal Element Shunt Resistor
5/12/2022
HCS2512FTL750 SEI-HCS2512FTL750 Datasheet
625Kb / 11P
   High Current Metal Element Shunt Resistor
5/12/2022
More results

Similar Description - HCS253D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS153MS INTERSIL-HCTS153MS Datasheet
138Kb / 10P
   Radiation Hardened Dual 4-Input Multiplexer
September 1995
logo
Renesas Technology Corp
HCTS153MS RENESAS-HCTS153MS Datasheet
406Kb / 9P
   Radiation Hardened Dual 4-Input Multiplexer
September 1995
logo
Intersil Corporation
ACS151MS INTERSIL-ACS151MS Datasheet
48Kb / 2P
   Radiation Hardened 8-Input Multiplexer
November 1997
HCS151MS INTERSIL-HCS151MS Datasheet
175Kb / 9P
   Radiation Hardened 8-Input Multiplexer
September 1995
logo
Renesas Technology Corp
HCS151MS RENESAS-HCS151MS Datasheet
419Kb / 9P
   Radiation Hardened 8-Input Multiplexer
September 1995
logo
Intersil Corporation
ACS253MS INTERSIL-ACS253MS Datasheet
48Kb / 2P
   Radiation Hardened Dual 4-Input Multiplexer with Three-State Outputs
November 1997
HCTS21MS INTERSIL-HCTS21MS Datasheet
148Kb / 9P
   Radiation Hardened Dual 4-Input AND Gate
October 1995
HCS20MS INTERSIL-HCS20MS Datasheet
179Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCTS20MS RENESAS-HCTS20MS Datasheet
378Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Intersil Corporation
CTS20MS INTERSIL-CTS20MS Datasheet
132Kb / 9P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com