Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK-310103-018-E Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK-310103-018-E
Description  HDB 15P/M - HDB 15P/M CABLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK-310103-018-E Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK-310103-018-E Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Checked by
Drawn by
ASSMANN
Electronic GmbH
2
1
H
3
4
F
G
E
Sheet
6
5
Title
Date
Name
Sep.17,2013
D
Part No.
Rev.
Date
Revision History
Signature
01
B
A
C
Sean
Sep.17,2013
H
F
G
E
D
B
A
C
2
1
3
4
6
5
7
Approved by
Scale
N/A
Unit
MM
7
1/1
For Bulk Production
Sean
RoHS Compliant
Single Cable
HDB 15P/M - HDB 15P/M CABLE
CABLE MUST PRINT: Exxxxxx
AWM STYLE 2919 80°C 30V VW-1
+B OD=8.0±0.20mm JACKET COLOR: BEIGE
1.CABLE: UL 2919 [30AW++AL/MY]*3COAX+30AWG*7C+AL/MY+D
(2)CONTACT RESISTANCE 3 ohm Max .
(1)100% OPEN SHORT & MIS WIRE TEST.
(3)INSULATION RESISTANCE 10M ohm Min .
2.CONNECTOR:
3.HOOD: MOLDED TYPE,ABS,COLOR:BEIGE.
P1&P2: HDB 15P/M,SOLDER,BLUE INSULATION,GOLD PLATED CONTACTS, NICKEL PLATED SHELL
6.ELECTRICLE TEST:
(4)HI-POT TEST:DC 300V/10ms
4.THUMB SCREW: #4-40 UNC, MOLDED TYPE,PVC 45P,COLOR:BEIGE
5.FERRITE CORE: ( Ø17.5 XØ9.5 X 28.5mm), MOLDED BEIGE PVC.
HDB 15P MALE
HDB 15P MALE
P2
P1
A
A
1
2
3
4
5
3 2
15
10
11
6
5
6
1
11
1
10
5
15
1800±50MM
5
4
50±5mm
50±5mm
6
2
1
5
8
4
3
7
P2
Shell
11
10
1
7
5
8
4
3
6
2
P1
Shell
11
10
PIN Assignment
12
13
14
15
12
13
14
15
Sep.17,2013
Joe
Sep.17,2013
Andy
4 0 1 6 0 3 2 2 8 6 6 2 2
VGA Monitor connection cable, HD15
M/M, 1.8m, 3Coax/7C, 2x ferrite,
UL, be
P/N: AK-310103-018-E
Inner Packing Unit
P/N:AK-310103-018-E
QTY:5 PCS
4 0 1 6 0 3 2 2 8 6 6 2 2
PE-LD
04
8049
80496
AK-310103-018-E
EAN:4016032286622


Similar Part No. - AK-310103-018-E

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-310103-030-E ASSMANN-AK-310103-030-E Datasheet
221Kb / 1P
   VGA Monitor connection cable, HD15
AK-310103-050-E ASSMANN-AK-310103-050-E Datasheet
221Kb / 2P
   VGA Monitor connection cable, HD15
More results

Similar Description - AK-310103-018-E

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
726181101 WURTH-726181101 Datasheet
87Kb / 1P
   Connector Cover, 15P.
logo
Assmann Electronics Inc...
A-PC2304-030028-1 ASSMANN-A-PC2304-030028-1 Datasheet
1Mb / 1P
   5-15P TO 320C13
logo
Tyco Electronics
1932144-1 MACOM-1932144-1 Datasheet
134Kb / 2P
   RECEPTACLE VERTICAL 15P AMPLIMITE
logo
Assmann Electronics Inc...
A-PC2302-020027-1 ASSMANN-A-PC2302-020027-1 Datasheet
1Mb / 1P
   5-15P TO 320C13
A-PC2302-030026-1 ASSMANN-A-PC2302-030026-1 Datasheet
1Mb / 1P
   5-15P TO 320C13
logo
Wurth Elektronik GmbH &...
726181103 WURTH-726181103 Datasheet
87Kb / 1P
   DSUB - Connector Cover, 15P.
logo
Assmann Electronics Inc...
A-PC2302-030021-1 ASSMANN-A-PC2302-030021-1 Datasheet
1Mb / 1P
   5-15P TO 320C13
A-PC2304-050027-1 ASSMANN-A-PC2304-050027-1 Datasheet
1Mb / 1P
   5-15P TO 320C13
A-PC2314-030030-1 ASSMANN-A-PC2314-030030-1 Datasheet
811Kb / 1P
   5-15P TO OPEN
A-PC2302-020026-1 ASSMANN-A-PC2302-020026-1 Datasheet
1Mb / 1P
   5-15P TO 320C13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com