Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NS10145T100MNA Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # NS10145T100MNA
Description  SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NS10145T100MNA Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  NS10145T100MNA Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc NS10145T100MNA Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
SMD Power Inductors (NS series)
NS10145T100MNA
Features
Item Summary
10μH(±20%), 4.22A, 3.77A
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 2000pcs(500pcs*4reel)
Products characteristics table
CaseSize (EIA/JIS)
-/101101
Inductance
10μH(±20%)
Inductance Measuring Frequency
100kHz
Rated Current -Saturation Current
4.22A
Rated Current -Temperature Rise Current
3.77A
DC Resistance (max)
0.02976Ω
Avg. of DC.Resistance
0.0248Ω
Self-resonant Frequency (min)
21.6MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
10.1mm ±0.3
W
10.1mm ±0.3
H
4.5mm ±0.35
Recommended Land Patterns
2015.03.09
1 / 1


Similar Part No. - NS10145T100MNA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NS10145T100MNA TAIYO-YUDEN-NS10145T100MNA Datasheet
298Kb / 3P
   SMD Power Inductors (NS series)
NS10145T100MNA TAIYO-YUDEN-NS10145T100MNA Datasheet
373Kb / 3P
   Wire-wound Ferrite Power Inductors LSRN series for General Electronic Equipment
2023.02.21
NS10145T100MNA TAIYO-YUDEN-NS10145T100MNA_19 Datasheet
298Kb / 3P
   SMD Power Inductors (NS series)
More results

Similar Description - NS10145T100MNA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com