Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NS10145T151MNA Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # NS10145T151MNA
Description  SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NS10145T151MNA Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  NS10145T151MNA Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc NS10145T151MNA Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Halogen free / RoHS compliant
Wire Wound Inductor
-Electrical Characteristics Data-
Dimension
Length :
10.1 + / - 0.3
( 0.398 + / - 0.012 )
Width :
10.1 + / - 0.3
( 0.398 + / - 0.012 )
Height :
4.5 + / - 0.35
( 0.177 + / - 0.014 )
Inductance :
150
uH
( test freq at 0.1MHz )
DC Resistance : 0.341
/
0.4092
ohm ( typ / max )
Saturation Current :
1.11
A ( max )
Temp. rise Current :
0.94
A ( max )
Saturation current typical : 30% reduction from initial L value.
Temp rise Current typical : Temperature will rise by 40 deg C
2014/12/8
SMD Power Inductors (NS series)
unit : mm
unit : inch
NS10145T151MNA
0
50
100
150
200
0
400
800
1200
1600
2000
DC Bias [mA]
DC Bias vs Inductance
10
100
1000
10000
0.1
1
10
100
1000
Frequency [MHz]
Frequency vs Inductance
0
10
20
30
40
50
60
0
400
800
1200
1600
2000
DC Bias [mA]
DC Bias vs Temperature
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.


Similar Part No. - NS10145T151MNA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NS10145T151MNA TAIYO-YUDEN-NS10145T151MNA Datasheet
297Kb / 3P
   SMD Power Inductors (NS series)
NS10145T151MNA TAIYO-YUDEN-NS10145T151MNA Datasheet
372Kb / 3P
   Wire-wound Ferrite Power Inductors LSRN series for General Electronic Equipment
2021/8/4
NS10145T151MNA TAIYO-YUDEN-NS10145T151MNA_19 Datasheet
297Kb / 3P
   SMD Power Inductors (NS series)
More results

Similar Description - NS10145T151MNA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com