Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9626 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9626
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9626 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9626_15 Datasheet HTML 2Page - Analog Devices AD9626_15 Datasheet HTML 3Page - Analog Devices AD9626_15 Datasheet HTML 4Page - Analog Devices AD9626_15 Datasheet HTML 5Page - Analog Devices AD9626_15 Datasheet HTML 6Page - Analog Devices AD9626_15 Datasheet HTML 7Page - Analog Devices AD9626_15 Datasheet HTML 8Page - Analog Devices AD9626_15 Datasheet HTML 9Page - Analog Devices AD9626_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD9626
Rev. 0 | Page 6 of 36
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.25 V, DCS enabled, unless otherwise noted.
Table 4.
AD9626-170
AD9626-210
AD9626-250
Parameter (Conditions)
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Maximum Conversion Rate
Full
170
210
250
MSPS
Minimum Conversion Rate
Full
40
40
40
MSPS
CLK+ Pulse Width High (tCH)
Full
2.65
2.9
2.15
2.4
1.8
2.0
ns
CLK+ Pulse Width Low (tCL)
Full
2.65
2.9
2.15
2.4
1.8
2.0
ns
Output, Single Data Port Mode1
Data Propagation Delay (tPD)
25°C
3.7
3.7
3.7
ns
DCO Propagation Delay (tCPD)
25°C
3.4
3.4
3.4
ns
Data to DCO Skew (tSKEW)
Full
0
0.3
0.55
0
0.3
0.55
0
0.3
0.55
ns
Latency
Full
6
6
6
Cycles
Output, Interleaved Mode2
Data Propagation Delay (tPDA, tPDB)
25°C
3.5
3.5
3.5
ns
DCO Propagation Delay (tCPDA, tCPDB)
25°C
3.0
3.0
3.0
ns
Data to DCO Skew (tSKEWA, tSKEWB )
Full
0
0.5
1.1
0
0.5
1.1
0
0.5
1.1
ns
Latency
Full
6
6
6
Cycles
Standby Recovery
25°C
250
250
250
ns
Power-Down Recovery
50
50
50
μs
Aperture Delay (tA)
25°C
0.1
0.1
0.1
ns
Aperture Uncertainty (Jitter, tJ)
25°C
0.2
0.2
0.2
ps rms
1 See Figure 2.
2 See Figure 3.


Similar Part No. - AD9626_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9626_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9634 AD-AD9634 Datasheet
1Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com