Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS147DMSR Datasheet(PDF) 5 Page - Intersil Corporation

Part # HCTS147DMSR
Description  Radiation Hardened 10-to-4 Line Priority Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS147DMSR Datasheet(HTML) 5 Page - Intersil Corporation

  HCTS147DMSR Datasheet HTML 1Page - Intersil Corporation HCTS147DMSR Datasheet HTML 2Page - Intersil Corporation HCTS147DMSR Datasheet HTML 3Page - Intersil Corporation HCTS147DMSR Datasheet HTML 4Page - Intersil Corporation HCTS147DMSR Datasheet HTML 5Page - Intersil Corporation HCTS147DMSR Datasheet HTML 6Page - Intersil Corporation HCTS147DMSR Datasheet HTML 7Page - Intersil Corporation HCTS147DMSR Datasheet HTML 8Page - Intersil Corporation HCTS147DMSR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
534
Specifications HCTS147MS
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V, (Note 3)
+25oC
---
Input to Output
TPLH
VCC = 4.5V
+25oC
2
32
ns
TPHL
VCC = 4.5V
+25oC
2
32
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
3. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
12
µA
IOL/IOH
5
-15% of 0 Hour
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Preburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test I (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test II (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Interim Test III (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample/5005
1, 7, 9
Group D
Sample/5005
1, 7, 9
NOTE:
1. Alternate Group A testing in accordance with Method 5005 of MIL-STD-883 may be exercised.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Spec Number
518608


Similar Part No. - HCTS147DMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS14D INTERSIL-HCTS14D Datasheet
131Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
HCTS14D INTERSIL-HCTS14D Datasheet
231Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
logo
Renesas Technology Corp
HCTS14D RENESAS-HCTS14D Datasheet
364Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
March 2007
logo
Intersil Corporation
HCTS14DMSR INTERSIL-HCTS14DMSR Datasheet
131Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
HCTS14DMSR INTERSIL-HCTS14DMSR Datasheet
231Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
More results

Similar Description - HCTS147DMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS147MS INTERSIL-ACS147MS Datasheet
39Kb / 2P
   Radiation Hardened 10-to-4 Line Priority Encoder
July 1999
logo
National Semiconductor ...
MM54HC147 NSC-MM54HC147 Datasheet
108Kb / 4P
   10-to-4 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC147 HITACHI-HD74HC147 Datasheet
43Kb / 8P
   10-to-4-line Priority Encoder
logo
NXP Semiconductors
74HC147 PHILIPS-74HC147 Datasheet
120Kb / 23P
   10-to-4 line priority encoder
2003 Oct 30
logo
Renesas Technology Corp
HD74HC147 RENESAS-HD74HC147 Datasheet
77Kb / 6P
   10-to-4-line Priority Encoder
logo
STMicroelectronics
M54HC147 STMICROELECTRONICS-M54HC147 Datasheet
241Kb / 10P
   10 TO 4 LINE PRIORITY ENCODER
logo
National Semiconductor ...
MM54HCT147 NSC-MM54HCT147 Datasheet
105Kb / 4P
   10-to-4 Line Priority Encoder
logo
NXP Semiconductors
74HC147N PHILIPS-74HC147N Datasheet
43Kb / 7P
   10-TO-4 LINE PRIORITY ENCODER
December 1990
logo
STMicroelectronics
HCC40147B STMICROELECTRONICS-HCC40147B Datasheet
275Kb / 12P
   10 TO 4 LINE BCD PRIORITY ENCODER
logo
Intersil Corporation
CD40147BMS INTERSIL-CD40147BMS Datasheet
81Kb / 8P
   10 Line to 4 Line BCD Priority Encoder
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com