Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9627 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9627
Description  12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9627_15 Datasheet HTML 5Page - Analog Devices AD9627_15 Datasheet HTML 6Page - Analog Devices AD9627_15 Datasheet HTML 7Page - Analog Devices AD9627_15 Datasheet HTML 8Page - Analog Devices AD9627_15 Datasheet HTML 9Page - Analog Devices AD9627_15 Datasheet HTML 10Page - Analog Devices AD9627_15 Datasheet HTML 11Page - Analog Devices AD9627_15 Datasheet HTML 12Page - Analog Devices AD9627_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
AD9627
Rev. B | Page 9 of 76
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 3.3 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, and DCS
enabled, unless otherwise noted.
Table 5.
Parameter
Temperature
Min
Typ
Max
Unit
DIFFERENTIAL CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Internal Common-Mode Bias
Full
1.2
V
Differential Input Voltage
Full
0.2
6
V p-p
Input Voltage Range
Full
GND − 0.3
AVDD + 1.6
V
Input Common-Mode Range
Full
1.1
AVDD
V
High Level Input Voltage
Full
1.2
3.6
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
−10
+10
μA
Low Level Input Current
Full
−10
+10
μA
Input Capacitance
Full
4
pF
Input Resistance
Full
8
10
12
SYNC INPUT
Logic Compliance
CMOS
Internal Bias
Full
1.2
V
Input Voltage Range
Full
GND − 0.3
AVDD + 1.6
V
High Level Input Voltage
Full
1.2
3.6
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
−10
+10
μA
Low Level Input Current
Full
−10
+10
μA
Input Capacitance
Full
4
pF
Input Resistance
Full
8
10
12
LOGIC INPUT (CSB)1
High Level Input Voltage
Full
1.22
3.6
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
−10
+10
μA
Low Level Input Current
Full
40
132
μA
Input Resistance
Full
26
Input Capacitance
Full
2
pF
LOGIC INPUT (SCLK/DFS)2
High Level Input Voltage
Full
1.22
3.6
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current (VIN = 3.3 V)
Full
−92
−135
μA
Low Level Input Current
Full
−10
+10
μA
Input Resistance
Full
26
Input Capacitance
Full
2
pF
LOGIC INPUTS/OUTPUTS (SDIO/DCS, SMI SDFS)1
High Level Input Voltage
Full
1.22
3.6
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
−10
+10
μA
Low Level Input Current
Full
38
128
μA
Input Resistance
Full
26
Input Capacitance
Full
5
pF
LOGIC INPUTS/OUTPUTS (SMI SDO/OEB, SMI SCLK/PDWN)2
High Level Input Voltage
Full
1.22
3.6
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current (VIN = 3.3 V)
Full
−90
−134
μA
Low Level Input Current
Full
−10
+10
μA


Similar Part No. - AD9627_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9627-150EBZ AD-AD9627-150EBZ Datasheet
2Mb / 77P
   1.8 V Dual Analog-to-Digital Converter
More results

Similar Description - AD9627_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
AD9600ABCPZ-150 AD-AD9600ABCPZ-150 Datasheet
2Mb / 72P
   10-Bit, 105 MSPS/125 MSPS/150 MSPS
REV. B
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD9253 AD-AD9253 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9633 AD-AD9633 Datasheet
1Mb / 40P
   Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com