Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS153DMSR Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCTS153DMSR
Description  Radiation Hardened Dual 4-Input Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS153DMSR Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HCTS153DMSR Datasheet HTML 2Page - Intersil Corporation HCTS153DMSR Datasheet HTML 3Page - Intersil Corporation HCTS153DMSR Datasheet HTML 4Page - Intersil Corporation HCTS153DMSR Datasheet HTML 5Page - Intersil Corporation HCTS153DMSR Datasheet HTML 6Page - Intersil Corporation HCTS153DMSR Datasheet HTML 7Page - Intersil Corporation HCTS153DMSR Datasheet HTML 8Page - Intersil Corporation HCTS153DMSR Datasheet HTML 9Page - Intersil Corporation HCTS153DMSR Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
547
AC Timing Diagram
AC VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
OUTPUT
TTHL
80%
20%
80%
20%
VIH
VIL
VOH
VOL
VOH
VOL
TPLH
TPHL
VS
TTLH
AC Load Circuit
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
HCTS153MS
Spec Number
518609


Similar Part No. - HCTS153DMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS153DMSR RENESAS-HCTS153DMSR Datasheet
406Kb / 9P
   Radiation Hardened Dual 4-Input Multiplexer
September 1995
More results

Similar Description - HCTS153DMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS253MS INTERSIL-HCS253MS Datasheet
178Kb / 10P
   Radiation Hardened Dual 4-Input Multiplexer
September 1995
logo
Renesas Technology Corp
HCTS153MS RENESAS-HCTS153MS Datasheet
406Kb / 9P
   Radiation Hardened Dual 4-Input Multiplexer
September 1995
logo
Intersil Corporation
ACS151MS INTERSIL-ACS151MS Datasheet
48Kb / 2P
   Radiation Hardened 8-Input Multiplexer
November 1997
HCS151MS INTERSIL-HCS151MS Datasheet
175Kb / 9P
   Radiation Hardened 8-Input Multiplexer
September 1995
logo
Renesas Technology Corp
HCS151MS RENESAS-HCS151MS Datasheet
419Kb / 9P
   Radiation Hardened 8-Input Multiplexer
September 1995
logo
Intersil Corporation
ACS253MS INTERSIL-ACS253MS Datasheet
48Kb / 2P
   Radiation Hardened Dual 4-Input Multiplexer with Three-State Outputs
November 1997
HCTS21MS INTERSIL-HCTS21MS Datasheet
148Kb / 9P
   Radiation Hardened Dual 4-Input AND Gate
October 1995
HCS20MS INTERSIL-HCS20MS Datasheet
179Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCTS20MS RENESAS-HCTS20MS Datasheet
378Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Intersil Corporation
CTS20MS INTERSIL-CTS20MS Datasheet
132Kb / 9P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com