Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS160KMSR Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCTS160KMSR
Description  Radiation Hardened Synchronous Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS160KMSR Datasheet(HTML) 4 Page - Intersil Corporation

  HCTS160KMSR Datasheet HTML 1Page - Intersil Corporation HCTS160KMSR Datasheet HTML 2Page - Intersil Corporation HCTS160KMSR Datasheet HTML 3Page - Intersil Corporation HCTS160KMSR Datasheet HTML 4Page - Intersil Corporation HCTS160KMSR Datasheet HTML 5Page - Intersil Corporation HCTS160KMSR Datasheet HTML 6Page - Intersil Corporation HCTS160KMSR Datasheet HTML 7Page - Intersil Corporation HCTS160KMSR Datasheet HTML 8Page - Intersil Corporation HCTS160KMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
563
Specifications HCTS160MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CP to QN
TPHL
VCC = 4.5V
9
+25oC
2
26
ns
10, 11
+125oC, -55oC
2
30
ns
TPLH
VCC = 4.5V
9
+25oC
2
23
ns
10, 11
+125oC, -55oC
2
26
ns
CP to TC
TPHL
VCC = 4.5V
9
+25oC
2
28
ns
10, 11
+125oC, -55oC
2
32
ns
TPLH
VCC = 4.5V
9
+25oC
2
24
ns
10, 11
+125oC, -55oC
2
28
ns
TE to TC
TPHL
VCC = 4.5V
9
+25oC
2
27
ns
10, 11
+125oC, -55oC
2
29
ns
TPLH
VCC = 4.5V
9
+25oC
2
18
ns
10, 11
+125oC, -55oC
2
20
ns
MR to QN, TC
TPHL
VCC = 4.5V
9
+25oC
2
46
ns
10, 11
+125oC, -55oC
2
51
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
104
pF
1
+125oC, -55oC
-
260
pF
Input Capacitance
CIN
VCC = 5.0V,, f = 1MHz
1
+25oC
-
10
pF
1
+125oC
-
10
pF
Output Transition
Time
TTHL
TTLH
VCC = 4.5V
1
+25oC
-
15
ns
1
+125oC
-
22
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
Spec Number
518611


Similar Part No. - HCTS160KMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS160KTR INTERSIL-HCTS160KTR Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
More results

Similar Description - HCTS160KMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
logo
Renesas Technology Corp
HCTS161AMS RENESAS-HCTS161AMS Datasheet
396Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Intersil Corporation
HCS161MS INTERSIL-HCS161MS Datasheet
127Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Renesas Technology Corp
HCS161MS RENESAS-HCS161MS Datasheet
405Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Intersil Corporation
HCTS161AMS INTERSIL-HCTS161AMS Datasheet
115Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS163MS INTERSIL-HCTS163MS Datasheet
152Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Renesas Technology Corp
HCS163MS RENESAS-HCS163MS Datasheet
407Kb / 9P
   Radiation Hardened Synchronous Presettable Counter
September 1995
logo
Intersil Corporation
HCS163MS INTERSIL-HCS163MS Datasheet
131Kb / 9P
   Radiation Hardened Synchronous Presettable Counter
September 1995
HCS160MS INTERSIL-HCS160MS Datasheet
120Kb / 9P
   Radiation Hardened BCD Decade Synchronous Counter
September 1995
logo
Renesas Technology Corp
ACTS161MS RENESAS-ACTS161MS Datasheet
218Kb / 4P
   Radiation Hardened 4-Bit Synchronous Counter
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com