Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9661A Datasheet(PDF) 5 Page - Analog Devices

Part # AD9661A
Description  Laser Diode Driver with Light Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9661A Datasheet(HTML) 5 Page - Analog Devices

  AD9661A_15 Datasheet HTML 1Page - Analog Devices AD9661A_15 Datasheet HTML 2Page - Analog Devices AD9661A_15 Datasheet HTML 3Page - Analog Devices AD9661A_15 Datasheet HTML 4Page - Analog Devices AD9661A_15 Datasheet HTML 5Page - Analog Devices AD9661A_15 Datasheet HTML 6Page - Analog Devices AD9661A_15 Datasheet HTML 7Page - Analog Devices AD9661A_15 Datasheet HTML 8Page - Analog Devices AD9661A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD9661A
REV. 0
–5–
THEORY OF OPERATION
The AD9661A combines a very fast output current switch with
an onboard analog light power control loop to provide the user
with a complete laser diode driver solution. The block diagram
illustrates the key internal functions. The control loop of the
AD9661A adjusts the output current level, IOUT, so that the
photo diode feedback current, IMONITOR, into SENSE IN is pro-
portional to the analog input voltage at POWER LEVEL. Since
the monitor current is proportional to the laser diode light
power, the loop effectively controls laser power to a level pro-
portional to the analog input. The control loop should be peri-
odically calibrated (see Choosing CHOLD).
The disable circuit turns off IOUT and returns the hold capacitor
voltages to their minimum levels (minimum output current)
when DISABLE = logic HIGH. It is used during initial power
up of the AD9661A or during time periods where the laser is
inactive. When the AD9661A is re-enabled the control loop
must be recalibrated.
Normal operation of the AD9661A involves the following (in
order, see Figure 1):
1. The AD9661A is enabled (DISABLE = logic LOW).
2. The input voltage (POWER LEVEL) is driven to the
appropriate level to set the calibrated laser diode output
power level.
3. The feedback loop is closed for calibration (
CAL = logic
LOW, and PULSE = logic HIGH), and then opened (
CAL
= logic HIGH).
4. While the feedback loop is open, the laser is pulsed on and
off by PULSE.
5. The feedback loop is periodically recalibrated as needed.
6. The AD9661A is disabled when the laser will not be pulsed
for an indefinite period of time.
Control Loop Transfer Function
The relationship between IMONITOR and VPOWER LEVEL is
IMONITOR =
VPOWER LEVEL –VREF
(RGAIN + 50 Ω)
once the loop is calibrated. When the loop is open (
CAL = logic
HIGH), the output current, IOUT, is proportional to the held
voltage at HOLD; the external hold capacitor on this pin
determines the droop error in the output current between
calibrations.
The sections below discuss choosing the external components in
the feedback loop for a particular application.
Choosing RGAIN
The gain resistor, RGAIN, allows the user to match the feedback
loop’s transfer function to the laser diode/photo diode
combination.
The user should define the maximum laser diode output power
for the intended application, PLD MAX, and the corresponding
photo diode monitor current, IMONITOR MAX. A typical laser
diode transfer function is illustrated below. RGAIN should be
chosen as:
RGAIN =
1.6V
IMONITOR MAX
–50
4
3
0
2
1
0
120
20
40
60
80
100
CONSTANT WRITE POWER
0
°C CASE
25
°C
CASE
50
°C CASE
IOUT
FORWARD CURRENT – mA
Figure 2. Laser Diode Current-to-Optical Power Curve
POWER-UP
OR LASER
NOT IN USE
CAL
TIME
RECALIBRATE
LASER POWER
MODULATED
DISABLE
CAL
PULSE
LASER
OUTPUT POWER
CALIBRATED LEVEL
HOLD TIME
Figure 1. Normal Operating Mode


Similar Part No. - AD9661A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9661AKR AD-AD9661AKR Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
AD9661AKR-REEL AD-AD9661AKR-REEL Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
More results

Similar Description - AD9661A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9661A AD-AD9661A Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
AD96606 AD-AD96606 Datasheet
183Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD9660 AD-AD9660 Datasheet
256Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD96606 AD-AD96606_15 Datasheet
190Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
   SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Intersil Corporation
ISL58781 INTERSIL-ISL58781 Datasheet
404Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Renesas Technology Corp
ISL58781 RENESAS-ISL58781 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com