Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1687G-E1 Datasheet(PDF) 5 Page - NEC

Part # UPC1687G-E1
Description  GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1687G-E1 Datasheet(HTML) 5 Page - NEC

  UPC1687G-E1 Datasheet HTML 1Page - NEC UPC1687G-E1 Datasheet HTML 2Page - NEC UPC1687G-E1 Datasheet HTML 3Page - NEC UPC1687G-E1 Datasheet HTML 4Page - NEC UPC1687G-E1 Datasheet HTML 5Page - NEC UPC1687G-E1 Datasheet HTML 6Page - NEC UPC1687G-E1 Datasheet HTML 7Page - NEC UPC1687G-E1 Datasheet HTML 8Page - NEC UPC1687G-E1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet P11101EJ4V0DS00
5
µµµµPC1687G/GV
STANDARD CHARACTERISTICS (FOR REFERENCE) (VCC = 5 V, TA = +25
°°°°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Reference Values
Unit
Oscillation Frequency Stability
fstb
VCC =
±10 %, fOSC = 550 to 950 MHz Note 1
±200
kHz
Oscillation Frequency Drift
fdrift
fOSC = 550 to 950 MHz, 30 min.
Note 1
150
kHz
Oscillation Start Voltage
VOSC
fOSC = 550 to 950 MHz
Note 1
3.0
V
1 % Cross-modulation Distortion 1
CM1
fRF = 500 MHz
Note 2, 3
88
dB
µ
1 % Cross-modulation Distortion 2
CM2
fRF = 900 MHz
Note 2, 3
89
dB
µ
Notes 1. By test circuit 2
2. By test circuit 1
3. fundes = fRF ±12 MHz, PRF =
−31 dBm, fIF = 50 MHz, POSC = −5 dBm
AM: 100 kHz, 30 % Mod., S/I Ratio = 46 dBc, output 75
Ω open


Similar Part No. - UPC1687G-E1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
   900 MHz SILICON RFIC DOWN CONVERTER
UPC1687GV-E1 CEL-UPC1687GV-E1 Datasheet
48Kb / 5P
   900 MHz SILICON RFIC DOWN CONVERTER
More results

Similar Description - UPC1687G-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1685G NEC-UPC1685G Datasheet
80Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
UPC1686G NEC-UPC1686G Datasheet
84Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
UPC1694GR NEC-UPC1694GR Datasheet
138Kb / 20P
   GENERAL PURPOSE HIGH FREQUENCY WIDEBAND IC FOR FREQUENCY DOWN-CONVERTER
UPC2795GV NEC-UPC2795GV Datasheet
133Kb / 12P
   GENERAL PURPOSE L-BAND DOWN CONVERTER
logo
Sanyo Semicon Device
LA8153LF SANYO-LA8153LF Datasheet
176Kb / 7P
   Down Converter IC
logo
ON Semiconductor
LA8153QA ONSEMI-LA8153QA Datasheet
132Kb / 7P
   Down Converter IC
February, 2014
logo
NEC
UPC2721 NEC-UPC2721 Datasheet
90Kb / 12P
   GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
logo
Sony Corporation
CXA3355ER SONY-CXA3355ER Datasheet
295Kb / 28P
   GPS Down Converter IC
CXA3355TQ SONY-CXA3355TQ Datasheet
258Kb / 21P
   GPS Down Converter IC
CXA3355AER SONY-CXA3355AER Datasheet
410Kb / 29P
   GPS Down Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com