Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9731 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9731
Description  10-Bit, 170 MSPS D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9731 Datasheet(HTML) 4 Page - Analog Devices

  AD9731_15 Datasheet HTML 1Page - Analog Devices AD9731_15 Datasheet HTML 2Page - Analog Devices AD9731_15 Datasheet HTML 3Page - Analog Devices AD9731_15 Datasheet HTML 4Page - Analog Devices AD9731_15 Datasheet HTML 5Page - Analog Devices AD9731_15 Datasheet HTML 6Page - Analog Devices AD9731_15 Datasheet HTML 7Page - Analog Devices AD9731_15 Datasheet HTML 8Page - Analog Devices AD9731_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. B
AD9731
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9731 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options
AD9731BR
–40
∞C to +85∞C
28-Lead Wide Body (SOIC)
R-28
AD9731BR-REEL
–40
∞C to +85∞C
28-Lead Wide Body (SOIC)
R-28
AD9731BRS
–40
∞C to +85∞C
28-Lead Shrink Small (SSOP)
RS-28
AD9731BRS-REEL
–40
∞C to +85∞C
28-Lead Shrink Small (SSOP)
RS-28
AD9731-PCB
0
∞C to 70∞C
PCB
EXPLANATION OF TEST LEVELS
Test Level
Definition
I
100% production tested
II
The parameter is 100% production tested at
25
∞C; sampled at temperature production.
III
Sample tested only
IV
Parameter is guaranteed by design and
characterization testing.
V
Parameter is a typical value only.
VI
All devices are 100% production tested at 25
∞C;
guaranteed by design and characterization testing
for industrial temperature range devices.
ABSOLUTE MAXIMUM RATINGS
*
Analog Output . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS to +VS
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . –0.7 V to +VS
–VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –7 V
Analog Output Current . . . . . . . . . . . . . . . . . . . . . . . . 30 mA
Control Amplifier Input Voltage Range . . . . . . . . 0 V to –4 V
Reference Input Voltage Range . . . . . . . . . . . . . . . 0 V to –VS
Maximum Junction Temperature . . . . . . . . . . . . . . . . 150
∞C
Operating Temperature Range . . . . . . . . . . . –40
∞C to +85∞C
Internal Reference Output Current . . . . . . . . . . . . . . . 500
mA
Lead Temperature (10 sec Soldering) . . . . . . . . . . . . . 300
∞C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
∞C to +165∞C
Control Amplifier Output Current . . . . . . . . . . . . .
±2.5 mA
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.


Similar Part No. - AD9731_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9731 AD-AD9731_17 Datasheet
91Kb / 5P
   10-Bit, 170 MSPS, DAC
More results

Similar Description - AD9731_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9430 AD-AD9430 Datasheet
1Mb / 20P
   12-Bit, 170 MSPS 3.3V A/D Converter
REV. PrG 4/01/2002
AD9211 AD-AD9211 Datasheet
296Kb / 21P
   10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Rev. PrA
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9430 AD-AD9430_15 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com