Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS161AK Datasheet(PDF) 9 Page - Intersil Corporation

Part # HCTS161AK
Description  Radiation Hardened Synchronous Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS161AK Datasheet(HTML) 9 Page - Intersil Corporation

  HCTS161AK Datasheet HTML 1Page - Intersil Corporation HCTS161AK Datasheet HTML 2Page - Intersil Corporation HCTS161AK Datasheet HTML 3Page - Intersil Corporation HCTS161AK Datasheet HTML 4Page - Intersil Corporation HCTS161AK Datasheet HTML 5Page - Intersil Corporation HCTS161AK Datasheet HTML 6Page - Intersil Corporation HCTS161AK Datasheet HTML 7Page - Intersil Corporation HCTS161AK Datasheet HTML 8Page - Intersil Corporation HCTS161AK Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
HCTS161AMS
Die Characteristics
DIE DIMENSIONS:
86 x 104mils
2.19 x 2.65mm
METALLIZATION:
Type: AlSi
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 x 4 mils
Metallization Mask Layout
HCTS161AMS
NOTE: The die diagram is a generic plot form a similar HCS device. It is intended to indicate approximate die size and bond pad location.
The mask series for the HCTS161A is TA14446A.
CP
MR
VCC
P0 (3)
P1 (4)
P2 (5)
P3 (6)
(9)
(10)
(11) Q3
(12) Q2
(13) Q1
(2)
(1)
(16)
SPE
TE
(8)
GND
(14) Q0
PE (7)
(15) TC
Spec Number
518888


Similar Part No. - HCTS161AK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS161AK RENESAS-HCTS161AK Datasheet
396Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS161AKMSR RENESAS-HCTS161AKMSR Datasheet
396Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
More results

Similar Description - HCTS161AK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
logo
Renesas Technology Corp
HCTS161AMS RENESAS-HCTS161AMS Datasheet
396Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Intersil Corporation
HCS161MS INTERSIL-HCS161MS Datasheet
127Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Renesas Technology Corp
HCS161MS RENESAS-HCS161MS Datasheet
405Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Intersil Corporation
HCTS163MS INTERSIL-HCTS163MS Datasheet
152Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Renesas Technology Corp
HCS163MS RENESAS-HCS163MS Datasheet
407Kb / 9P
   Radiation Hardened Synchronous Presettable Counter
September 1995
logo
Intersil Corporation
HCS163MS INTERSIL-HCS163MS Datasheet
131Kb / 9P
   Radiation Hardened Synchronous Presettable Counter
September 1995
HCS160MS INTERSIL-HCS160MS Datasheet
120Kb / 9P
   Radiation Hardened BCD Decade Synchronous Counter
September 1995
logo
Renesas Technology Corp
ACTS161MS RENESAS-ACTS161MS Datasheet
218Kb / 4P
   Radiation Hardened 4-Bit Synchronous Counter
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com