Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS21D Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCTS21D
Description  Radiation Hardened Dual 4-Input AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS21D Datasheet(HTML) 8 Page - Intersil Corporation

  HCTS21D Datasheet HTML 1Page - Intersil Corporation HCTS21D Datasheet HTML 2Page - Intersil Corporation HCTS21D Datasheet HTML 3Page - Intersil Corporation HCTS21D Datasheet HTML 4Page - Intersil Corporation HCTS21D Datasheet HTML 5Page - Intersil Corporation HCTS21D Datasheet HTML 6Page - Intersil Corporation HCTS21D Datasheet HTML 7Page - Intersil Corporation HCTS21D Datasheet HTML 8Page - Intersil Corporation HCTS21D Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
HCTS21MS
Spec Number
518618
Die Characteristics
DIE DIMENSIONS:
87 x 88 mils
2.20 x 2.24mm
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 mils x 4 mils
Metallization Mask Layout
HCTS21MS
A1
VCC
D2
B1 (2)
NC (3)
C1 (4)
D1 (5)
(6)
(7)
(8)
(9) A2
(10) B2
(11) NC
(12) C2
(1)
(14)
(13)
Y1
GND
Y2


Similar Part No. - HCTS21D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS20D INTERSIL-HCTS20D Datasheet
132Kb / 9P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCTS20D RENESAS-HCTS20D Datasheet
378Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Intersil Corporation
HCTS20D/SAMPLE INTERSIL-HCTS20D/SAMPLE Datasheet
224Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
HCTS20DMSR INTERSIL-HCTS20DMSR Datasheet
132Kb / 9P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCTS20DMSR INTERSIL-HCTS20DMSR Datasheet
224Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
More results

Similar Description - HCTS21D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS21MS INTERSIL-HCS21MS Datasheet
184Kb / 8P
   Radiation Hardened Dual 4-Input AND Gate
September 1995
ACS21MS INTERSIL-ACS21MS Datasheet
38Kb / 2P
   Radiation Hardened Dual 4-Input AND Gate
July 1999
logo
Renesas Technology Corp
HCS21MS RENESAS-HCS21MS Datasheet
393Kb / 8P
   Radiation Hardened Dual 4-Input AND Gate
September 1995
logo
Intersil Corporation
HCS20MS INTERSIL-HCS20MS Datasheet
179Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCTS20MS RENESAS-HCTS20MS Datasheet
378Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Intersil Corporation
CTS20MS INTERSIL-CTS20MS Datasheet
132Kb / 9P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCTS4002MS INTERSIL-HCTS4002MS Datasheet
125Kb / 9P
   Radiation Hardened Dual 4-Input NOR Gate
August 1995
ACTS20MS INTERSIL-ACTS20MS Datasheet
10Kb / 1P
   Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACS20MS INTERSIL-ACS20MS Datasheet
85Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
April 1995
HCTS20MS INTERSIL-HCTS20MS Datasheet
224Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com