Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS245DMSR Datasheet(PDF) 6 Page - Intersil Corporation

Part # HCTS245DMSR
Description  Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS245DMSR Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HCTS245DMSR Datasheet HTML 2Page - Intersil Corporation HCTS245DMSR Datasheet HTML 3Page - Intersil Corporation HCTS245DMSR Datasheet HTML 4Page - Intersil Corporation HCTS245DMSR Datasheet HTML 5Page - Intersil Corporation HCTS245DMSR Datasheet HTML 6Page - Intersil Corporation HCTS245DMSR Datasheet HTML 7Page - Intersil Corporation HCTS245DMSR Datasheet HTML 8Page - Intersil Corporation HCTS245DMSR Datasheet HTML 9Page - Intersil Corporation HCTS245DMSR Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
619
Specifications HCTS245MS
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Preburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
Interim Test I (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
Interim Test II (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
PDA
100%/5004
1, 7, 9, Deltas
Interim Test III (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
PDA
100%/5004
1, 7, 9, Deltas
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample/5005
1, 7, 9
Group D
Sample/5005
1, 7, 9
NOTE: 1. Alternate Group A Testing in accordance with Method 5005 of MIL-STD-883 may be exercised.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE
GROUPS
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE: 1. Except FN test which will be performed 100% Go/No-Go.
TABLE 8. STATIC AND DYNAMIC BURN-IN TEST CONNECTIONS
OPEN
GROUND
1/2 VCC = 3V
± 0.5V
VCC = 6V
± 0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN I TEST CONNECTIONS (Note 1)
2 - 9
1, 10 - 19
-
20
-
-
STATIC BURN-IN II TEST CONNECTIONS (Note 1)
-
10
-
1 - 9, 11 - 20
-
-
DYNAMIC BURN-IN TEST CONNECTIONS (Note 2)
-
10
11 - 18
1, 20
2 - 9
19
NOTES:
1. Each pin except VCC and GND will have a resistor of 10k
Ω± 5% for static burn-in
2. Each pin except VCC and GND will have a resistor of 680
Ω± 5% for dynamic burn-in
TABLE 9. IRRADIATION TEST CONNECTIONS
OPEN
GROUND
VCC = 5V
± 0.5V
-
10
1 - 9, 11 - 20
NOTE: Each pin except VCC and GND will have a resistor of 47K
Ω± 5% for irradiation testing. Group E,
Subgroup 2, sample size is 4 dice/wafer 0 failures.
Spec Number
518615


Similar Part No. - HCTS245DMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS245DMSR RENESAS-HCTS245DMSR Datasheet
539Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
More results

Similar Description - HCTS245DMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS245MS RENESAS-HCS245MS Datasheet
531Kb / 8P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
logo
Intersil Corporation
HCTS245T INTERSIL-HCTS245T Datasheet
93Kb / 3P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
July 1999
HCS245MS INTERSIL-HCS245MS Datasheet
179Kb / 7P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
logo
Renesas Technology Corp
HCTS245MS RENESAS-HCTS245MS Datasheet
539Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
logo
Intersil Corporation
ACTS244MS INTERSIL-ACTS244MS Datasheet
47Kb / 3P
   Radiation Hardened Octal Non-Inverting Three-State Buffer
January 1996
logo
Renesas Technology Corp
ACTS244MS RENESAS-ACTS244MS Datasheet
211Kb / 3P
   Radiation Hardened Octal Non-Inverting Three-State Buffer
January 1996
ACS245MS RENESAS-ACS245MS Datasheet
319Kb / 3P
   Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
logo
Intersil Corporation
ACTS245T INTERSIL-ACTS245T Datasheet
78Kb / 3P
   Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
July 1999
ACS245MS INTERSIL-ACS245MS Datasheet
75Kb / 3P
   Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
ACTS245MS INTERSIL-ACTS245MS Datasheet
75Kb / 3P
   Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com