Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1688G-T2 Datasheet(PDF) 3 Page - NEC

Part # UPC1688G-T2
Description  5 V, 1.1 GHz WIDE BAND AND FLAT GAIN AMPLIFIER SILICON MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1688G-T2 Datasheet(HTML) 3 Page - NEC

  UPC1688G-T2 Datasheet HTML 1Page - NEC UPC1688G-T2 Datasheet HTML 2Page - NEC UPC1688G-T2 Datasheet HTML 3Page - NEC UPC1688G-T2 Datasheet HTML 4Page - NEC UPC1688G-T2 Datasheet HTML 5Page - NEC UPC1688G-T2 Datasheet HTML 6Page - NEC UPC1688G-T2 Datasheet HTML 7Page - NEC UPC1688G-T2 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
µPC1688G
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C, Unless otherwise specified)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
32
28
24
20
16
12
8
4
0
1
2
3
4
5
6
VCC - Supply Voltage - V
No input signal
SUPPLY CURRENT vs.TEMPERATURE
32
28
24
20
16
12
8
4
0
–30
0
30
60
90
TA - Temperature - ˚C
VCC = 5 V
–60
120
150
SATURATION POWER vs. FREQUENCY
10
10
30 50 70
300 500700
f - Frequency - MHz
8
6
4
2
0
–2
100
1G
2G
VCC = 5 V
Pin = –5 dBm
f = 100 MHz
500 MHz
1 GHz
f1 = 500 MHz
f2 = 502 MHz
THIRD ORDER INTER-MODULATION vs.
OUTPUT POWER OF EACH TONE
–70
–20
–60
–50
–40
–30
–20
–10
0
VCC = 5.5 V
5.0 V
4.5 V
–15
–10
–5
0
5
PO(each) - Output Power of Each Tone - dBm


Similar Part No. - UPC1688G-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1688G-T2 RENESAS-UPC1688G-T2 Datasheet
207Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1996
More results

Similar Description - UPC1688G-T2

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2710T NEC-UPC2710T Datasheet
95Kb / 6P
   1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2708T NEC-UPC2708T Datasheet
140Kb / 6P
   3 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2709T NEC-UPC2709T Datasheet
96Kb / 6P
   2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
logo
Renesas Technology Corp
UPC3242TB RENESAS-UPC3242TB Datasheet
334Kb / 21P
   3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER
logo
NEC
UPC1651G NEC-UPC1651G Datasheet
75Kb / 2P
   WIDE BAND UHF SILICON MMIC AMPLIFIER
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
945Kb / 12P
   Wide band MMIC Amplifier
January 2015
logo
M/A-COM Technology Solu...
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
   Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
logo
Advanced Semiconductor ...
AWG0023 ASB-AWG0023 Datasheet
582Kb / 13P
   30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG3017 ASB-AWG3017 Datasheet
928Kb / 19P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
June 2014
AWG2020 ASB-AWG2020 Datasheet
667Kb / 13P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com