Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3649 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3649
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3649 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3649_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3649_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC3649_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SC3649
Features
High breakdown voltage and large current capacity.
Complementary to 2SA1419
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
180
Collector - Emitter Voltage
VCEO
160
Emitter - Base Voltage
VEBO
6
Collector Current - Continuous
IC
1.5
Peak Collector Current
ICM
2.5
Collector Power Dissipation
PC
500
mW
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
A
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
180
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA,RBE= ∞
160
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
6
Collector-base cut-off current
ICBO
VCB= 120 V , IE= 0
1
Emitter cut-off current
IEBO
VEB= 4V , IC=0
1
Collector-emitter saturation voltage
VCE(sat) IC=500mA, IB=50mA
0.13
0.45
Base - emitter saturation voltage
VBE(sat) IC=500mA, IB=50mA
0.85
1.2
VCE= 5V, IC= 100mA
100
400
VCE= 5V, IC= 10mA
80
Turn-ON Time
ton
40
Storage Time
tstg
1200
Fall Time
tf
80
Collector output capacitance
Cob
VCB= 10V,f=1MHz
14
pF
Transition frequency
fT
VCE= 10V, IC= 50mA
120
MHz
DC current gain
hFE
V
uA
V
See sepcified Test Circuit.
ns
Classification of hfe(1)
Type
2SC3649-R
2SC3649-S
2SC3649-T
Range
100-200
140-280
200-400
Marking
CER
CES
CET


Similar Part No. - 2SC3649_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3649-HF KEXIN-2SC3649-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC3649-R KEXIN-2SC3649-R Datasheet
1Mb / 3P
   NPN Transistors
2SC3649-R-HF KEXIN-2SC3649-R-HF Datasheet
1Mb / 3P
   NPN Transistors
2SC3649-S KEXIN-2SC3649-S Datasheet
1Mb / 3P
   NPN Transistors
2SC3649-S-HF KEXIN-2SC3649-S-HF Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - 2SC3649_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com