Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS365DMSR Datasheet(PDF) 10 Page - Intersil Corporation

Part # HCTS365DMSR
Description  Radiation Hardened Hex Buffer/Line Driver Non-Inverting
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS365DMSR Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HCTS365DMSR Datasheet HTML 2Page - Intersil Corporation HCTS365DMSR Datasheet HTML 3Page - Intersil Corporation HCTS365DMSR Datasheet HTML 4Page - Intersil Corporation HCTS365DMSR Datasheet HTML 5Page - Intersil Corporation HCTS365DMSR Datasheet HTML 6Page - Intersil Corporation HCTS365DMSR Datasheet HTML 7Page - Intersil Corporation HCTS365DMSR Datasheet HTML 8Page - Intersil Corporation HCTS365DMSR Datasheet HTML 9Page - Intersil Corporation HCTS365DMSR Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
HCTS365MS
Die Characteristics
DIE DIMENSIONS:
108 x 106 mils
METALLIZATION:
Type: AlSi
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 mils x 4 mils
Metallization Mask Layout
HCTS365MS
NOTE: The die diagram is a generic plot form a similar HCS device. It is intended to indicate approximate die size and bond pad location.
The mask series for the HCTS365 is TA14413A.
OE1
(1)
A1
(2)
A2 (4)
Y2 (5)
A3 (6)
Y3
(7)
GND
(8)
Y4
(9)
(12) A5
(13) Y6
(14) A6
NC
OE2
(15)
VCC
(16)
(11) Y5
Y1
(3)
NC
NC
NC
A4
(10)
Spec Number
518637


Similar Part No. - HCTS365DMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS30D INTERSIL-HCTS30D Datasheet
134Kb / 10P
   Radiation Hardened 8-Input NAND Gate
August 1995
logo
Renesas Technology Corp
HCTS30D RENESAS-HCTS30D Datasheet
391Kb / 9P
   Radiation Hardened 8-Input NAND Gate
August 1995
logo
Intersil Corporation
HCTS30DMSR INTERSIL-HCTS30DMSR Datasheet
134Kb / 10P
   Radiation Hardened 8-Input NAND Gate
August 1995
logo
Renesas Technology Corp
HCTS30DMSR RENESAS-HCTS30DMSR Datasheet
391Kb / 9P
   Radiation Hardened 8-Input NAND Gate
August 1995
logo
Intersil Corporation
HCTS30HMSR INTERSIL-HCTS30HMSR Datasheet
134Kb / 10P
   Radiation Hardened 8-Input NAND Gate
August 1995
More results

Similar Description - HCTS365DMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS244MS INTERSIL-ACS244MS Datasheet
46Kb / 2P
   Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
logo
Renesas Technology Corp
HCTS541MS RENESAS-HCTS541MS Datasheet
423Kb / 10P
   Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
ACS244MS RENESAS-ACS244MS Datasheet
192Kb / 2P
   Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
logo
Intersil Corporation
HCTS541MS INTERSIL-HCTS541MS Datasheet
126Kb / 10P
   Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
HCS241MS INTERSIL-HCS241MS Datasheet
169Kb / 9P
   Radiation Hardened Inverting Octal Three-State Buffer/Line Driver
September 1995
ACS240MS INTERSIL-ACS240MS Datasheet
46Kb / 2P
   Radiation Hardened Inverting, Octal, Three-State Buffer/Line Driver
March 1998
logo
Renesas Technology Corp
HCTS540MS RENESAS-HCTS540MS Datasheet
422Kb / 10P
   Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
logo
Intersil Corporation
HCTS540MS INTERSIL-HCTS540MS Datasheet
135Kb / 10P
   Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com