Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1250A-Q Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1250A-Q
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1250A-Q Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1250A-Q Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1250A-Q Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SD1250A
Features
High forward current transfer ratio hFE
which has satisfactory linearity
Low collector to emitter saturation voltage VCE(sat)
Complementary to 2SB928
2.3
0.60+ 0.1
- 0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4 .60 +0.15
-0.15
5.30+0.2
-0.2
2.30 +0.1
-0.1
0.50 +0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
200
Collector - Emitter Voltage
VCEO
180
Emitter - Base Voltage
VEBO
6
Collector Current - Continuous
IC
2
Collector Current - Pulse
ICP
3
Collector Power Dissipation
Tc = 25℃
30
Ta = 25℃
1.3
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
A
PC
W
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 500 μA, IE= 0
200
Collector- emitter breakdown voltage
VCEO
Ic= 5 mA, IB= 0
180
Emitter - base breakdown voltage
VEBO
IE= 500μA, IC= 0
6
Collector-base cut-off current
ICBO
VCB= 200 V , IE= 0
50
Emitter cut-off current
IEBO
VEB= 5V , IC=0
50
Collector-emitter saturation voltage
VCE(sat) IC=500 mA, IB=50mA
1
Base - emitter saturation voltage
VBE(sat) IC= 500 mA, IB= 50mA
1.2
Base - emitte voltage
VBE
VCE= 10V, IC= 400mA
1
hFE(1)
VCE= 10V, IC= 150mA
60
240
hFE(2)
VCE= 10V, IC= 400mA
50
Transition frequency
fT
VCE= 10V, IC= 500mA,f=1MHz
20
MHz
DC current gain
V
uA
V
Classification of hfe(1)
Type
2SD1250A-Q
2SD1250A-P
Range
60-140
100-240


Similar Part No. - 2SD1250A-Q

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1250A PANASONIC-2SD1250A Datasheet
49Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SD1250A PANASONIC-2SD1250A Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
More results

Similar Description - 2SD1250A-Q

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com